| Electronic Components Datasheet Search |
|
405EZ Datasheet(PDF) 40 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
405EZ Datasheet(HTML) 40 Page - Applied Micro Circuits Corporation |
|
40 / 54 page ![]() PPC405EZ – PowerPC 405EZ Embedded Processor 40 AMCC Proprietary Revision 1.27 - August 22, 2007 Preliminary Data Sheet Power VDD Logic VDD supply. na na na OVDD1 Non-EBC I/O VDD supply. na na na OVDD2 EBC I/O VDD supply. na na na GND System ground. na na na ADC_AVDD ADC analog VDD supply. na Analog Wide- Wire receiver na ADC_AGND ADC analog ground. na Analog Wide- Wire receiver na DAC_AVDD DAC analog VDD supply. It is recommended that this voltage be provided by means of a voltage supply and voltage plane separate from the logic voltage. na Analog Wide- Wire receiver na DAC_AGND DAC analog ground. na Analog Wide- Wire receiver na PLL_AVDD PLL analog VDD supply. See “Absolute Maximum Ratings” on page 41 for filter recommendations. na na na PLL_AGND PLL analog ground. na na na Other Pins Reserved Reserved pins. Do not make voltage, ground, or signal connections to these pins. na na na Table 6. Signal Functional Description (Sheet 6 of 6) Notes: 1. Receiver input has hysteresis. 2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values. 3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values. 4. If not used, must pull up. 5. If not used, must pull down. 6. Strapping input during reset; pull up or pull down as required. Signal Name Description I/O Type Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |