Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 52 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 52 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 46Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 47Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 48Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 49Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 50Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 51Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 52Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 53Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 54Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
52
AMCC Proprietary
Revision 1.27 - August 22, 2007
Preliminary Data Sheet
Revision Log
Date
Version
Contents of Modification
01/13/2006
1.08
Initial distribution for review.
03/09/2006
1.09
Misc. corrections.
Correct AMCC address.
Add revision log.
Change three EBC signals to match previous chips (HoldAck, HoldPri, and HoldReq).
04/10/2006
1.10
Misc. corrections.
Add pull-up/pull-down notes.
Update clock timings.
Correct Bootstrap pin numbers.
Correct pin number swaps.
Add circuit types to signal descriptions.
04/21/2006
1.11
Reduce recommended logic voltage range by 0.025V.
Add 266MHz and 333MHz CPU speeds.
Allow 3.3V power supply for ADC and DAC.
Add output currents to I/O tables.
Correct Recommended Operating Conditions.
Remove 5V Tolerant input current curve.
Add output current values (based on I/O circuit type) to I/O tables
Correct filter circuit component units-of-measure from m to
μ.
05/12/2006
1.12
Correct ADC_In6 and ADC_In7 pins assignment.
Correct EBC_Dbus24 and EBC_Dbus25 pins assignment.
Change signal name NI_DivClk to PWM_DivClk.
Add typical DC power requirements.
06/13/2006
1.13
Split OVDD voltage pins into two sets so EBC voltage can be different from other I/O if necessary.
Update from engineering review.
07/18/2006
1.14
Timing updates.
08/8/2006
1.15
Chameleon Timer and IEEE 1588 PTP updates.
Add package thermal data.
08/30/2006
1.16
Analog voltage filter updates.
Part number updates.
09/05/2006
1.17
Remove TE package and references to “industrial” from thermal package data.
Remove watermark and change status to Preliminary.
Add heat sink data and increase case temperature range to +105
°C.
09/18/2006
1.18
Change minimum CPU frequency to 133.33MHz.
Add DC power supply current load values.
10/18/2006
1.19
Change pin assignments for the Ethernet Tx and Rx data signals.
Alter prefixes and remove extraneous characters from some signal names to make them
consistent with the UM and previous chips. There are no functional or pin (ball) number changes.
Correct JTAG ID.
Remove CAN disable option.
Reduce maximum SPI speed.
Change power specifications in Description.
Add link to AMCC partners supplying probes.
Deleted internal clock signal timing table.
Added PerClk signal to external peripheral timing table.
Restrict ADC and DAC analog voltage filters to OVDD1.
02/07/2007
1.20
Typographical Updates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com