Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 48 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 48 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 44Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 45Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 46Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 47Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 48Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 49Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 50Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 51Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 52Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
48
AMCC Proprietary
Revision 1.27 - August 22, 2007
Preliminary Data Sheet
Table 15. I/O Specifications—All CPU Speeds (Sheet 1 of 2)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard. Timing shown is with EMAC noise filter
selected.
2. For all interfaces, I/O H is specified at 2.4 V and I/O L is specified at 0.4 V.
3. Maximum skew between IIC output signals is 6ns.
4. Maximum skew between all SPI output signals is 3ns. All SPI inputs signals are latched with less than 4ns of skew between
channels.
5. Maximum skew between all PWM output signals is 3.75ns. All PWM input signals are latched with less than 2.5ns of skew
between channels.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(min)
I/O L
(min)
Ethernet Interface
EMCRxD[0:3]
2.5
4
19.1
8.7
EMCRxClk
EMCTxD[0:3]
20
2
19.1
8.7
EMCTxClk
EMCRxEr
2.5
4
na
na
na
na
EMCRxClk
EMCMDIO
na
na
na
na
19.1
8.7
async
EMCRxDv
2.5
4
na
na
na
na
EMCRxClk
EMCCRS
na
na
19.1
8.7
async
EMCTxEr
20
2
19.1
8.7
EMCTxClk
EMCTxEn
20
2
19.1
8.7
EMCTxClk
EMCMDC
na
na
na
na
19.1
8.7
async
EMCCOL
na
na
19.1
8.7
async
Internal Peripheral Interface
IIC0SClk
na
na
na
na
IIC 2.1
IIC 2.1
na
3
IIC0SData
na
na
na
na
IIC 2.1
IIC 2.1
na
3
UART0_CTS
na
na
na
na
na
na
na
UART0_RTS
na
na
na
na
19.1
8.7
na
UART0_Rx
na
na
nananana
na
UART0_Tx
na
na
na
na
19.1
8.7
na
UART1_Rx
na
na
nananana
na
UART1_Tx
na
na
na
na
19.1
8.7
na
USB_FClk
USB 2.1
USB 2.1
USB1DEV0
USB 2.1
USB 2.1
USB1DEV0
USB 2.1
USB 2.1
USB1HOST0
USB 2.1
USB 2.1
USB1HOST0
USB 2.1
USB 2.1
USB1HOST1
USB 2.1
USB 2.1
USB1HOST1
USB 2.1
USB 2.1
SPI_ClkOut
19.1
8.7
4
SPI_DI
na
na
19.1
8.7
4
SPI_DO
na
na
19.1
8.7
4
SPI_SS0:3
19.1
8.7
SPI_SS_In
19.1
8.7
CAN0_Rx
nananana
CAN0_Tx
19.1
8.7
CAN0_TxE
19.1
8.7
CAN1_Rx
nananana
CAN1_Tx
na
na
19.1
8.7
CAN1_TxE
19.1
8.7
ADC_In0:7
nananana



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com