Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 42 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 42 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 38Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 39Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 40Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 41Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 42Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 43Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 44Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 45Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 46Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
42
AMCC Proprietary
Revision 1.27 - August 22, 2007
Preliminary Data Sheet
Thermal Management
The following heat sink was used in the above thermal analysis:
Aavid Thermalloy, PN 79985
The heat sink is manufactured by:
Aavid Thermalloy
70 Commercial St.
Concord, NH 03301
USA
Tel: (603)224-9988
URL: www.aavidthermalloy.com
Table 8. Package Thermal Specifications
The PPC405EZ is designed to operate within a case temperature range of -40°C to +105°C. Thermal resistance values for the
EPBGA packages in a convection environment are as follows:
Parameter
Symbol
Airflow
ft/min (m/sec)
Unit
0 (0)
100 (0.51)
200 (1.02)
300 (1.52)
400 (2.02)
600 (3.03)
Junction-to-ambient thermal resistance
without heat sink
θ
JA
29.3
24.1
22.9
22.4
22.0
21.6
°C/W
Junction-to-ambient thermal resistance
with heat sink
θ
JA
22.7
14.3
12.3
11.5
11.1
10.7
°C/W
Resistance Value
Junction-to-case thermal resistance
θ
JC
11.9
°C/W
Junction-to-board thermal resistance
θ
JB
16.4
°C/W
Notes:
1. Values in the table are achieved with the following JEDEC standard board: 114.5mm x 101.6mm x 1.6mm, 4 layers.
2. For a chip mounted on a card with at least one signal and two power planes, the following relationships exist:
a. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board.
b. TA = TC – PxθCA, where TA is ambient temperature and P is power consumption.
c. TCMax = TJMax – PxθJC, where TJMax is maximum junction temperature and P is power consumption.
3. Values with a heat sink were achieved with a 38.1mm x 38.1mm x 16.5mm unit, attached to the chip using a 0.1mm thickness of
adhesive having a thermal conductivity of 1.3W/mK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com