Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 34 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 34 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 30Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 31Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 32Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 33Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 34Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 35Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 36Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 37Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 38Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
34
AMCC Proprietary
Revision 1.27 - August 22, 2007
Preliminary Data Sheet
Pin Group List
The following table provides a summary of the number of package pins (balls) associated with each functional
interface group.
In the table “Signal Functional Description” on page 35, each external signal is listed along with a short description
of the signal function. Active-low signals (for example, Halt) are marked with an overline. See the preceding table,
“Signals Listed Alphabetically” on page 17, for the pin (ball) number to which each signal is assigned.
Multiplexed Pins
Some signals are multiplexed on the same package pin so that the pin can be used for different functions. In most
cases, the signal names shown in this table are not accompanied by signal names that may be multiplexed on the
same pin. If you need to know what, if any, signals are multiplexed with a particular signal, look up the name in
“Signals Listed Alphabetically” on page 17. It is expected that in any single application a particular pin will always
be programmed to serve the same function. The flexibility of multiplexing allows a single chip to offer a richer pin
selection than would otherwise be possible.
Initialization Strapping
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only
during reset and are used for other functions during normal operation (see “Initialization” on page 51). Note that the
use of these pins for strapping is not considered multiplexing since the strapping function is not programmable.
Pull-Up and Pull-Down Resistors
Pull-up and pull-down resistors are used for strapping during reset and to retain unused or undriven inputs in an
appropriate state. The recommended pull-up value of 3k
Ω to +3.3V and pull-down value of 1kΩ to GND, applies
only to individually terminated signals. To prevent possible damage to the device, I/Os capable of becoming
outputs must never be tied together and terminated through a common resistor.
If your system-level test methodology permits, input-only signals can be connected together and terminated
through either a common resistor or directly to +3.3V or GND. When a resistor is used, its value must ensure that
the grouped I/Os reach a valid logic zero or logic one state when accounting for the total input current into the
PPC405EZ.
Table 5. Pin Groups
Group
No. of Pins
Total Signal Pins
200
VDD
12
OVDD1
17
OVDD2
11
GND
77
ADC_AVDD
1
ADC_GND
1
DAC_AVDD
1
DAC_GND
1
PLL_AVDD
1
PLL_GND
1
Reserved
1
Total Pins
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com