Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  405EZ Datasheet HTML 1Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 2Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 3Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 4Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 5Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 6Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 7Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 8Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
4
AMCC Proprietary
Revision 1.27 - August 22, 2007
Preliminary Data Sheet
Ordering, PVR, and JTAG Information
This section provides the part number nomenclature. For availability, contact your local AMCC sales office.
The part number contains a part modifier. Included in the modifier is a revision code. This refers to the die mask
revision number and is specified in the part numbering scheme for identification purposes only.
The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain
information that uniquely identifies the part. See the PPC405EZ Embedded Processor User’s Manual for details
about accessing these registers.
Order Part Number Key
Product Name
Order Part Number
(see Notes:)
Package
Rev
Level
PVR Value
JTAG ID
PPC405EZ
PPC405EZ-CSAfffTx
23mm, 324-ball, EPBGA
A
0x41511460
0x0405A1E1
Notes:
1. C = CAN enabled
2. S = Lead-free EPBGA package (RoHS compliant)
3. A = Chip revision level A
4. fff = Processor frequency
166 = 166MHz
266 = 266MHz
333 = 333MHz
416 = 416MHz
5. T = Case temperature range, -40
°C to +105°C
6. x = Shipping package type
Z = tape-and-reel
blank = tray
AMCC Part Number
PPC405EZ-CSA416TZ
Package
Processor Speed (MHz)
CAN enabled
Case Temperature Range
Shipping Package
Revision Level
Note: The example P/N above is CAN enabled, lead-free, capable of running at 416MHz, and is
shipped in tape-and-reel packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com