Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 35 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 35 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 31Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 32Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 33Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 34Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 35Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 36Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 37Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 38Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 39Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
Revision 1.27 - August 22, 2007
AMCC Proprietary
35
Preliminary Data Sheet
Signal Functional Descriptions
The following table provides a description of the I/O signals on the PPC405EZ.
Table 6. Signal Functional Description (Sheet 1 of 6)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
Signal Name
Description
I/O
Type
Notes
Ethernet Interface
EMCCOL
Collision signal from the PHY.
I
3.3V LVTTL
5
EMCCRS
Carrier sense signal from the PHY.
I
3.3V LVTTL
5
EMCMDC
Management data clock to the PHY.
O
3.3V LVTTL
EMCMDIO
Management data I/O between the Ethernet controller and the PHY.
I/O
3.3V LVTTL
EMCRxClk
Input receive clock from the PHY.
I
3.3V LVTTL
Rcvr
EMCRxDV
Receive data valid.
I
3.3V LVTTL
5
EMCRxEr
Receive error from the PHY.
I
3.3V LVTTL
Rcvr
EMCRxD0:3
Receive data from the PHY.
EMCRxD3 is the msb.
I
3.3V LVTTL
5
EMCTxClk
Input transmit clock from the PHY.
I
3.3V LVTTL
EMCTxD0:3
Transmit data to the PHY.
EMCTxD3 is the msb.
O
3.3V LVTTL
EMCTxEn
Transmit enable.
O
3.3V LVTTL
EMCTxEr
Transmit error to the PHY.
O
3.3V LVTTL
IEEE 1588 Network Synchronization Interface
IEEE_1588TS
Test signal.
O
3.3V LVTTL
IIC Peripheral Interface
IIC0SClk
IIC Serial Clock.
I/O
3.3V IIC
1, 5
IIC0SData
IIC Serial Data.
I/O
3.3V IIC
1, 5
Interrupts Interface
IRQ0:4
Interrupt requests.
I
3.3V LVTTL
1, 5
JTAG Interface
TCK
Test clock.
I
3.3V LVTTL
Rcvr w/pull-up
5
TDI
Test data in.
I
3.3V LVTTL
5
TDO
Test data out.
O
3.3V LVTTL
TMS
Test mode select.
I
3.3V LVTTL
5
TRST
Test reset. Must be low at power-on to initialize the JTAG controller
and for normal operation of the PPC405EZ.
I
3.3V LVTTL
Rcvr w/pull-up
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com