Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 47 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 47 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 43Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 44Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 45Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 46Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 47Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 48Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 49Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 50Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 51Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
Revision 1.27 - August 22, 2007
AMCC Proprietary
47
Preliminary Data Sheet
Figure 4. Input Setup and Hold Timing Waveform
Figure 5. Output Delay and Float Timing Waveform
Table 14. Peripheral Interface I/O Clock Timings
Clock
Min
Max
Units
EMCTxClk frequency
2.5
25
MHz
EMCTxClk high time
35% of nominal
–
ns
EMCTxClk low time
35% of nominal
–
ns
EMCRxClk frequency
2.5
25
MHz
EMCRxClk high time
35% of nominal
–
ns
EMCRxClk low time
35% of nominal
–
ns
TmrClk
na
100
MHz
PerClk
33
83
MHz
TCK
na
20
MHz
USB1FClk (48MHz ± 0.05%)
47.976
48.024
MHz
PWM_TBA
na
83
MHz
System Clock
TIS
TIH
MIN
MIN
Inputs
Valid
1.5V
1.5V
Valid
TOV
TOH
MIN
Outputs
System Clock
Outputs
TOF
MIN
MAX
MAX
1.5V
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com