Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  405EZ Datasheet HTML 1Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 2Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 3Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 4Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 5Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 6Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 7Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 8Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Part Number 405EZ
Revision 1.27 - August 22, 2007
AMCC Proprietary
1
405EZ
PowerPC 405EZ Embedded Processor
Preliminary Data Sheet
Features
• AMCC PowerPC® 405 32-bit RISC processor core
operating at up to 416MHz
• On-chip 32-bit peripheral bus (OPB) operating at
up to 83 MHz
• On-chip 64-bit processor local bus (PLB)
operating at up to 166MHz
• 8-bit direct interface for NAND Flash devices
• 32KB of on-chip, high-speed SRAM accessible by
CPU and DMA
• Inter-chip connectivity (SPI and IIC)
• External 8-,16-, or 32-bit peripheral bus (EBC)
operating at up to 83MHz
• Boot from IIC bootstrap controller, EBC, NAND
Flash, and SPI
• DMA support for all on-chip slaves and external
bus, including on-chip SRAM, ADC, DAC, UARTs,
and devices on the external peripheral bus
• One 10/100 Mbps Ethernet MII interface (half- and
full-duplex) to external PHY
• Three USB 1.1 ports: two Host and one Device
with Full-Speed on-chip PHYs
• Programmable universal interrupt controller (UIC)
• IEEE 1588 Precision Timing Protocol (PTP)
controller
• Chameleon Timer
™ and pulse width modulator
(PWM)
• Analog-to-Digital Converter (ADC) with eight
inputs and 10-bit resolution at 300k samples/sec
• Digital-to-Analog Converter (DAC) with one input
and 10-bit resolution at 30M samples/sec
• Two CAN 2.0B protocol and ISO 11898-1
compliant channels
• Two serial ports (16750 compatible UART)
• One IIC interface operating at up to 400kHz and
supporting all standard IIC EEPROMs
• One SPI (SCP) synchronous full-duplex channel
operating at up to 40 MHz
• 54 general purpose I/Os (GPIOs), each with
programmable interrupts and outputs
• Supports JTAG for board-level testing
• System power management, low power
dissipation and small form factor
• RoHS compliant (lead-free)
Description
With speeds up to 416MHz, a flexible on-chip and off-
chip memory architecture, a combination of an ADC, a
DAC, a programmable Chameleon Timer/PWM, an
IEEE 1588 PTP, and a diverse communications
package that includes USB 1.1, Ethernet, and CAN,
the PowerPC 405EZ embedded processor provides a
low power and small footprint system-on-a-chip
solution for a wide range of high performance, cost-
constrained embedded applications. This includes
industrial control, high-precision AC/DC and servo
drive control, instrumentation, data acquisition,
industrial automation, building and enclosure
management, commercial and retail systems, Internet
appliances, and intelligent USB peripherals. It is an
easily programmable general purpose, 32-bit RISC
controller that offers an upgrade path for applications
in need of performance and connectivity
improvements.
Technology: CU-11 CMOS, 130nm
Package: 324-ball, 23 mm
×23mm, lead-free, plastic
ball grid array (EPBGA), 1mm ball pitch
Typical Power (Est.): 1.05W @ 166 MHz;1.48W @
416 MHz


Similar Part No. - 405EZ

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
405EX AMCC-405EX Datasheet
989Kb / 67P
PowerPC 405EX Embedded Processor
405EXR AMCC-405EXR Datasheet
176Kb / 2P
Embedded Processor
More results

Similar Description - 405EZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
Embedded Processor
Dec-2007
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
logo
Applied Micro Circuits ...
PPC405CR AMCC-PPC405CR Datasheet
815Kb / 42P
PowerPC 405CR Embedded Processor
PPC405EP AMCC-PPC405EP Datasheet
799Kb / 50P
PowerPC 405EP Embedded Processor
405EX AMCC-405EX Datasheet
989Kb / 67P
PowerPC 405EX Embedded Processor
405EXR AMCC-405EXR Datasheet
176Kb / 2P
Embedded Processor
440SP AMCC-440SP Datasheet
1Mb / 85P
PowerPC 440SP Embedded Processor
440SPE AMCC-440SPE Datasheet
1Mb / 80P
PowerPC 440SPe Embedded Processor
440EPX AMCC-440EPX Datasheet
2Mb / 94P
PowerPC 440EPx Embedded Processor
440GRX AMCC-440GRX Datasheet
1Mb / 88P
PowerPC 440GRx Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com