Electronic Components Datasheet Search
  English  ▼

X  

405EZ Datasheet(PDF) 36 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 36 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 32Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 33Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 34Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 35Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 36Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 37Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 38Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 39Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 40Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
36
AMCC Proprietary
Revision 1.27 - August 22, 2007
Preliminary Data Sheet
System Interface
SysClk
System input clock.
I
3.3V LVTTL
SysErr
Machine check exception has occurred.
O
3.3V LVTTL
SysReset
Main system reset. This signal may be driven by the PPC405EZ to
cause a board level reset to occur.
I
3.3V LVTTL
TestEn
Test enable. Reserved for manufacturing LSSD test.
I
3.3V LVTTL
5
DebugEn
Debug enable.
I
3.3V LVTTL
5
Halt
External request to stop the processor.
I
3.3V LVTTL
4
TmrClk
Processor timer external input.
I
3.3V LVTTL
GPIO000:03
General purpose I/O. All of the GPIO signals are multiplexed with
other signals. Which signal a pin is connected to depends on the
setting of bits in the GPIO registers.
I/O
3.3V LVTTL
GPIO004:05
I/O
3.3V LVTTL
5
GPIO006:08
I/O
3.3V LVTTL
GPIO009
I/O
3.3V LVTTL
4
GPIO010:11
I/O
3.3V LVTTL
GPIO012:19
I/O
3.3V LVTTL
5
GPIO019:27
I/O
3.3V LVTTL
GPIO028:31
GPIO100:12
I/O
3.3V LVTTL
5
GPIO113:14
I/O
3.3V LVTTL
GPIO115:21
I/O
3.3V LVTTL
5
Trace Interface
TrcClk
Trace interface clock. Operates at half the CPU core frequency.
I
3.3V LVTTL
TS1E
TS2E
Even trace execution status.
I
3.3V LVTTL
TS1O
TS2O
Odd trace execution status.
I
3.3V LVTTL
TS3:6
Trace status.
I
3.3V LVTTL
Chameleon Timer Interface
PWM_DivClk
Divided-down clock.
O
3.3V LVTTL
PWM_OE0
PWM 0 Output enable input.
I
3.3V LVTTL
4
PWM_OE1:3
PWM 1:3 Output enable input.
I
3.3V LVTTL
PWM_TBA
Time Base A.
I/O
3.3V LVTTL
PWM_1:15
PWM Interface bus.
I/O
3.3V LVTTL
5
Table 6. Signal Functional Description (Sheet 2 of 6)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com