Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 7Page - Qorvo, Inc ACT88320 Datasheet HTML 8Page - Qorvo, Inc ACT88320 Datasheet HTML 9Page - Qorvo, Inc ACT88320 Datasheet HTML 10Page - Qorvo, Inc ACT88320 Datasheet HTML 11Page - Qorvo, Inc ACT88320 Datasheet HTML 12Page - Qorvo, Inc ACT88320 Datasheet HTML 13Page - Qorvo, Inc ACT88320 Datasheet HTML 14Page - Qorvo, Inc ACT88320 Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
11 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
OVP, INRUSH NMOS SWITCH, ELECTRICAL CHARACTERISITICS
(VIN = 3.3V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Input Voltage Range (VIN)
2.7
5.5
V
VIN Input Current
IC Disabled
1
µA
OVGATE Pull-up Current
OVGATE = 0V
10
µA
OVGATE Discharge Resistance
10
Ω
Overcurrent Shutdown Threshold
Voltage across current sense
resistor
70
85
100
mV
Overcurrent Warning Threshold
Percent of shutdown voltage
72.5
80
87.5
%
Soft-Start Slew Rate
Start up from 0V to 5.0V on
OVGATE. CGate = 1nF
500
µs
Over Current Deglitch Time
Steady state operation
40
µs
Over Current Blanking Time
Blanking time during power up
85
µs
Retry time after Over Current
42
ms
OVSNS POK Threshold (falling)
2.5
V
OVSNS POK Threshold (rising)
2.7
V
OVSNS POK Threshold Hysteresis
100
200
mV
OVSNS OV Threshold (rising)
6
V
OVSNS OV Threshold hysteresis
200
400
mV
Startup Delay
After OVSNS POK to OVGATE rising, CGate = 1nF
40
µs
Standby Current into OVSNS and
OVSNS_M
After OVSNS POK, steady state mode
40
50
µA
VOVGATE Voltage (VOVGATE – VIN)
OVSNS = 3.3V
5.4
V
OVSNS = 5V
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com