Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 26 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 26 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 22Page - Qorvo, Inc ACT88320 Datasheet HTML 23Page - Qorvo, Inc ACT88320 Datasheet HTML 24Page - Qorvo, Inc ACT88320 Datasheet HTML 25Page - Qorvo, Inc ACT88320 Datasheet HTML 26Page - Qorvo, Inc ACT88320 Datasheet HTML 27Page - Qorvo, Inc ACT88320 Datasheet HTML 28Page - Qorvo, Inc ACT88320 Datasheet HTML 29Page - Qorvo, Inc ACT88320 Datasheet HTML 30Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
26 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
STEP-DOWN DC/DC CONVERTERS
General Description
The
ACT88320
contains
three
fully
integrated
step-down converters. Buck1 is a 4A output, while
Buck2 and Buck3 are 2.5A outputs. All buck converters
are
fixed
frequency,
current-mode
controlled,
synchronous PWM converters that achieve peak
efficiencies of up to 95%. The buck converters switch
at
1.125MHz
or
2.25MHz
and
are
internally
compensated, requiring only three small external
components (Cin, Cout, and L) for operation. The buck
regulators minimize noise in sensitive applications with
the use of a switching phase delay and offset.
Additionally, all regulators are available with a variety of
standard and custom output voltages, and may be
software-controlled via the I2C interface for systems that
require advanced power management functions.
The ACT88320 buck regulators are highly configurable
and can be quickly and easily reconfigured via I2C. This
allows
them
to
support
changes
in
hardware
requirements without the need for PCB changes.
Examples of I2C functionality are given below:
Real-time power good, OV, and current limit status
Ability to mask individual faults
Dynamically change output voltage
On/Off control
Softstart ramp
Switching delay and phase control
Low power mode
Overcurrent thresholds
Refer to the Active-Semi Application Note describing the
Register Map for full details on I2C functionality and
programming ranges.
100% Duty Cycle Operation
All buck converters are capable of 100% duty cycle
operation. During 100% duty cycle operation, the
high-side power MOSFETs are held on continuously,
providing a direct connection from the input to the output
(through the inductor), ensuring the lowest possible
dropout voltage in battery powered applications.
Operating Mode
By default, all buck converters operate in fixed-
frequency PWM mode at medium to heavy loads, then
transition to a proprietary power-saving mode at light
loads in order to save power. Power-save mode
reduces conduction losses by preventing the inductor
current from going negative.
To further optimize efficiency and reduce power losses
at extremely light loads, an additional lower power mode,
LPM, is available. LPM minimizes quiescent current in
between switching cycles. This reduces input current by
approximately 200µA in LPM mode. Light load output
voltage ripple increases from approximately 5mV to
10mV when in LPM mode. Light load voltage droop
when going from light load to heavier loads is only
increased by 2-3mV when in LPM mode. LPM allows
the customer to test the IC in their use case and
optimize the balance between power consumption,
voltage ripple, and transient response in their system.
LPM is enabled when I2C bits DISLPM = 0 and
LP_MODE = 1.
The buck converters can also be forced to operate in
PWM mode at light load by setting I2C bit ForcePWM =
1. This results in slightly lower efficiency at light loads,
but improves transient response.
Synchronous Rectification
Buck1/2/3
each
feature
integrated
synchronous
rectifiers (or LS FET drivers), maximizing efficiency and
minimizing the total solution size and cost by eliminating
the need for external rectifiers.
Soft-Start
Buck1/2/3 include internal 600us soft-start ramps which
limit the rate of change of the output voltage, minimizing
input inrush current and ensuring that the output powers
up in a monotonic manner that is independent of loading
on the outputs. This circuitry is effective any time the
regulator is enabled, as well as after responding to a
short-circuit or other fault condition. A single I2C register,
ALL_BUCKS_FASTER_SS, adjusts softstart between
600us when = 0 and 250us when = 1.
Output Voltage Setting
Buck1/2/3 regulate to the voltage defined by I2C register
VSET0 in normal operation and by VSET1 in DVS mode.
Buck1 can be programmed between 0.6V and 2.991V
in 9.376mV steps.
Vbuck1=0.6 + VOUTx * 0.009376V
Where VOUTx is the decimal equivalent of the value in
each regulator’s I2C VOUTx register. The VOUTx
registers contain an unsigned 8-bit binary value. As an
example,
if
Buck
1’s
VOUT0
register
contains
01000000b (128 decimal), the output voltage is 1.8V.
The Buck1 output voltage range can also be configured
to the same range as Buck2/3 via a custom CMI.
Buck2/3 are programmable between 0.8V to 3.9875V in
12.5mV steps
Vbuck2 = 0.8V + VOUTx * 0.0125V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com