Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 23 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 23 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 19Page - Qorvo, Inc ACT88320 Datasheet HTML 20Page - Qorvo, Inc ACT88320 Datasheet HTML 21Page - Qorvo, Inc ACT88320 Datasheet HTML 22Page - Qorvo, Inc ACT88320 Datasheet HTML 23Page - Qorvo, Inc ACT88320 Datasheet HTML 24Page - Qorvo, Inc ACT88320 Datasheet HTML 25Page - Qorvo, Inc ACT88320 Datasheet HTML 26Page - Qorvo, Inc ACT88320 Datasheet HTML 27Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
23 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
Thermal Shutdown
There are three types of I2C register bits associated with
each fault condition: fault flag bits, fault bits, and mask
bits. The fault flag bits display the real-time fault status.
Their status is valid regardless of whether or not that
fault is masked. The mask bits either block or allow the
fault to affect the fault bit. Each potential fault condition
can be masked via I2C if desired. Any unmasked fault
condition results in the fault bit going high, which asserts
the nIRQ pin. nIRQ is typically active low. The nIRQ pin
only de-asserts after the fault condition is no longer
present and the corresponding fault bit is read via I2C.
Note that masked faults can still be read in the fault flag
bit. Refer to Active-Semi Application Note describing the
Register Map for full details on I2C functionality and
programming ranges.
nIRQ (Interrupt)
The interrupt function is typically used to drive the inter-
rupt input of the system processor. Many of the
ACT88320's functions support interrupt-generation as a
result of various conditions. These are typically masked
by default, but may be unmasked via the I2C interface.
For more information about the available fault condi-
tions, refer to the appropriate sections of this datasheet.
nIRQ can be triggered from:
1.
Die temperature warning generated
2.
Any buck regulator exceeding peak current limit
for 16 cycles after soft start or a UV/OV condi-
tion.
3.
Any LDO regulator exceeding current limit for
more than 16uS after soft start or a UV/OV con-
dition.
4.
Input goes above OVP threshold or falls below
the UV threshold.
If any of these faults occur the nIRQ output is asserted
active low. After nIRQ pin is asserted, an I2C reading
operation of the interrupt status registers clears the
interrupt provided the interrupting condition is removed.
If the interrupting condition is still present, nIRQ stays
asserted and the interrupt status bit stays set. The
interrupt status registers are 0x00h, 0x01h, 0x03h,
0x04h, 0x05h, 0xA0h, 0xA6h, and 0xE5h.
The ICs specific CMI determines which GPIOx is used
for the nIRQ pin. nIRQ is an open-drain output and
should be pulled up to an appropriate supply voltage
with a 10kΩ or greater pull-up resistor.
nRESET
The ACT88320 provides a reset function to issue a
master reset to the system CPU/controller. nRESET is
immediately asserted low when either the VIN voltage
is above or below the UV or OV thresholds or any power
supply that is connected to the nRESET functionality
goes below its Power Good threshold. The IC’s specific
CMI configures which power supplies are connected to
the nRESET functionality. After startup, nRESET
de-asserts after a programmable delay time when VIN
and all connected power supply outputs are above their
respective UVLO thresholds. The reset delay time,
20ms to 100ms, is controlled by the I2C TRST_DLY
register bits. The IC’s CMI programs the specific GPIOx
pin used for the reset functionality. The CMI also
programs which regulators outputs are monitored for
the reset functionality.
EXT_EN
The ACT88320 provides an external power supply
enable function, EXT_EN. EXT_EN is used to control
an external regulator or to provide a control signal to
other system components. It is used as part of the
sequencing profile and can be programmed to have
different input triggers as well as delay times. The IC’s
CMI programs the specific GPIOx pin used for the
EXT_EN functionality.
EXT_PG
The ACT88320 provides an external input trigger,
EXT_PG, for startup sequencing. EXT_PG can be used
as the startup trigger for one or of the power supplies.
EXT_EN and EXT_PG allow the IC to fully incorporate
one or more external power supplies into the startup
sequence. The IC’s CMI programs the specific GPIOx
pin used for the EXT_EN functionality.
Output Under/Over Voltage
The ACT88320 monitors the output voltages for under
voltage and over voltage conditions. If an output enters
an UV/OV fault condition, the IC shuts down all outputs
for 100ms and restarts with the programmed power up
sequence. If an output is in current limit, it is possible
that its voltage can drop below the UV threshold which
also shuts down all outputs. If that behavior is not
desired, mask the appropriate fault bit. Each output still
provides its real-time UV/OV fault status via its fault flag,
even if the fault is masked. Masking an OV/UV fault just
prevents the fault from being reported via the IRQ pin.
A UV/OV fault condition pulls the nRESET pin low. Note
that the IC’s specific CMI sets the defaults for which
regulators mask the UV and OV fault conditions.
Output Current Limit
The ACT88320 incorporates a three level overcurrent
protection scheme for the buck converters and a single
level scheme for the LDOs. For the buck converters, the
overcurrent current threshold refers to the peak switch
current. The first protection level is when a buck
converter’s peak switch current reaches 75% of the
Cycle-by-Cycle current limit threshold for greater than
16 switching cycles. Under this condition, the IC reports
the fault via the appropriate fault flag bit. If the fault is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com