Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 43 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 43 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 39Page - Qorvo, Inc ACT88320 Datasheet HTML 40Page - Qorvo, Inc ACT88320 Datasheet HTML 41Page - Qorvo, Inc ACT88320 Datasheet HTML 42Page - Qorvo, Inc ACT88320 Datasheet HTML 43Page - Qorvo, Inc ACT88320 Datasheet HTML 44Page - Qorvo, Inc ACT88320 Datasheet HTML 45Page - Qorvo, Inc ACT88320 Datasheet HTML 46Page - Qorvo, Inc ACT88320 Datasheet HTML 47Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
43 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
Hardware Configuration
Because the SM2262_M2_S045A does not use the inrush control circuitry, the design connects OVSNS, OVSNS_M,
and OVGATE to ground. The inrush circuitry can be used with the ACT88320QI104 by connecting them per the
datasheet guidelines.
Startup
Buck3
VIN
LDO2
LS
0.5ms
Buck1
CMI 104 Startup
nRESET
20ms
0.5ms
1ms
0.5ms
I2C Address
The ACT88320 7-bit I2C address is 0x25h. Use address 0x4Ah when writing and 0x4Bh when reading.
GPIO1 (pin 13) - nRESET
GPIO1 is configured as an open drain nRESET. nRESET goes open drain 20ms after LDO2 goes into regulation.
GPIO2 (pin 14) – Buck2_VID
GPIO2 is configured as a VID input for Buck2. When Pin 14 = 1, Buck2 = 1.2V. When Pin 14 = 0, Buck2 = 1.8V. This
allows the ACT88320 to put the SM2262 and SM2263 in different power states. Pin 14 can be changed at any time to
change the Buck2 output voltage, but actual usage depends on the application.
GPIO3 (pin 12) – Buck3_VID
GPIO3 is configured as a VID input for Buck3. When Pin 12 = 1, Buck3 = 1.5V. When Pin 12 = 0, Buck2 = 1.35V. This
allows the ACT88320 to put the SM2262 and SM2263 into different power states. Pin 12 can be changed at any time to
change the Buck3 output voltage, but actual application depends on the DDR memory used.
GPIO4 (pin 11) – Buck1_VID
GPIO4 is configured as a VID input for Buck1. When Pin 11 = 1, Buck1 = 0.9V. When Pin 11 = 0, Buck1 = 0.75V. This
allows the ACT88320 to put the SM2262 and SM2263 into different power states. Pin 11 can be changed at any time to
change the Buck1 output voltage, but actual application depends on the DDR memory used.
SLEEP MODE
I2C default settings are SLEEP_MODE=0, SLEEP_EN=0, and SLEEP=0. Refer to the SLEEP State paragraph for details
on how to enter SLEEP Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com