Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 25 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 25 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 21Page - Qorvo, Inc ACT88320 Datasheet HTML 22Page - Qorvo, Inc ACT88320 Datasheet HTML 23Page - Qorvo, Inc ACT88320 Datasheet HTML 24Page - Qorvo, Inc ACT88320 Datasheet HTML 25Page - Qorvo, Inc ACT88320 Datasheet HTML 26Page - Qorvo, Inc ACT88320 Datasheet HTML 27Page - Qorvo, Inc ACT88320 Datasheet HTML 28Page - Qorvo, Inc ACT88320 Datasheet HTML 29Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
25 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
Pin Descriptions
Many of the ACT88320 input and output pins are
configurable via CMI configurations. The following
descriptions are refer to basic pin functions and
capabilities. Refer to the CMI Options section in the
back of the datasheet for specific pin functionality for
each CMI.
VIN
VIN pins are the dedicated input power to the buck
converters. Buck1 uses pins 17 and 18. Buck2 uses
pins 23 and 24. Buck 3 uses pins 1 and 2. Each buck
converter must be bypassed directly to PGND on the
top PCB layer with a 10uF capacitor.
AVIN
AVIN is the input power to the LDOs. It also powers
the IC’s analog circuitry. AVIN must be bypassed
directly to AGND on the top PCB layer with a 1uF
ceramic capacitor.
OVGATE
This pin drives the gate of an external N-ch FET.
OVGATE slowly turns on the FET to provide softstart
when power is applied. It quickly turns off the FET in an
overvoltage condition. Connect to PGND if the input
overvoltage FET is not used.
OVSNS, OVSNS_M
These are the positive and negative input current sense
pins. They should be kelvin connected to the input
current sense resistor. OVSNS is also the input voltage
sense pin. Connect to PGND if the input overvoltage
FET is not used.
VIO
This is the bias supply input to the IC’s digital circuitry.
It powers the GPIO pins. VIO is typically connected to
the VIN pins, but can be powered from a different
voltage rail if desired. VIO should be bypassed to PGND
with a 1uF ceramic capacitor.
PWREN
PWREN is a digital input that helps determine if the IC
operates in POWER ON mode or DPSLP mode. Refer
to the DPSLP State section for details. Refer to the EC
table to ensure that the PWREN input voltage meets the
IC’s logic level requirements.
PWREN is referenced to the AVIN pin, and is 5.5V
tolerant meaning that PWREN can go to 5.5V even if
AVIN is less than 5.5V. PWREN has a 10us bidirectional
filter to prevent unwanted triggering from noise.
GPIOx
The ACT88320 has four GPIO pins. Each GPIO is
programmed for a specific function by the IC’s CMI. The
available functions are input triggers for sequencing
(EXT_PG), output triggers for sequencing (EXT_EN),
nRESET, nIRQ, DVS, voltage select pins for the voltage
regulators, LED drivers, and GPIO.
GPIO1 (pin 13). GPIO1 can be programmed for any of
the above functions except the LED drivers. It can be
programmed for both open-drain and push-pull.
GPIO2 (pin 14). GPIO2 is the same as GPIO1
GPIO3 (pin 12). GPIO3 can be programmed for all the
above functions including the LED drivers. It can be only
be programmed for open-drain outputs.
GPIO4 (pin 11). GPIO4 is the same as GPIO3
GPIOx pins can be programmed as an input or an
output. They are 5.5V tolerant meaning they can go to
5.5V even if VIO is less than 5.5V.
SCL, SDA
These are the I2C clock and data pins to the IC. They
have standard I2C functionality.
PGND
The PGND pins are the buck converter power ground
pins. They connect directly to the buck converters’ low
side FETs. Buck1 and Buck2 use pin 21. Buck3 uses
pins 7 and 8. All PGND pins must be connected directly
to the IC’s exposed pad under the IC.
SWx
SWx are the switch nodes for the buck converters. They
connect directly to the buck inductor on the top layer.
FB_Bx
These are the feedback pins for the buck regulators.
They should be kelvin connected to the buck output
capacitors.
LSG1
LSG1 is the load switch FET gate drive pin.
OUT_LDOx
These are the LDO output pins. Each LDO output must
be bypassed to AGND with a 1uF capacitor.
AGND
AGND is the ground pin for the IC’s analog circuitry and
LDOs. AGND must be connected to the IC’s exposed
pad. The connection between AGND and the exposed
pad should not have high currents flowing through it.
EXPOSED PAD
The exposed pad is the ICs ground reference. All
ground pins must connect to the exposed pad. It must
be soldered to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com