Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 20 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 16Page - Qorvo, Inc ACT88320 Datasheet HTML 17Page - Qorvo, Inc ACT88320 Datasheet HTML 18Page - Qorvo, Inc ACT88320 Datasheet HTML 19Page - Qorvo, Inc ACT88320 Datasheet HTML 20Page - Qorvo, Inc ACT88320 Datasheet HTML 21Page - Qorvo, Inc ACT88320 Datasheet HTML 22Page - Qorvo, Inc ACT88320 Datasheet HTML 23Page - Qorvo, Inc ACT88320 Datasheet HTML 24Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
20 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
RESET
Power
Sequence
Start
POWER ON
(Active)
OVUV Fault
Thermal Fault
Thermal Shutdown
Fault & DIS_OTS = 0
Thermal Fau lt
Cleared
SLEEP
Clears all registers and
defaults to original NVM
settings in RESET state
VIN_OV or VIN_UV in
any state puts the IC in
RESET state
Example for a typical configuration.
Other transitions are possible with factory
programmed configurations.
DPSLP
(Deep Sleep)
(DPSLP_EN = 1 & PWREN = 0 & DPSLP MODE = 1)
OR
(DPSLP_EN = 1 & PWREN = 0 & DPSLP MODE = 0
& DPSLP Bit = 1)
PWREN = 1
VIN_NOT_OK
UV> VIN > OV
SLEEP Bit = 1 &
SLEEP_EN = 1
OVUV Fault
Retry Timer
(100ms)
DIS OVUV = 0 &
Mask = 0
Clear DPSLP_EN &
SLEEP_EN if set to 1
up on entering OVUV
Fault State
Clear DPSLP_EN &
SLEEP_EN if set to 1
upon en tering Thermal
Fault State
VIN_OK
UV < VIN < OV
SLEEP Bit = 1 &
SLEEP_EN = 1
SLEEP Bit = 0 OR
SLEEP_EN = 0
Figure 1 PWREN State Machine
Special consideration is needed for DPSLP state in with
a non-I2C system. When PWREN is first toggled high
after power up, the ACT88320 detects the first rising
transition of PWREN from 0 to 1 and sets the
DPSLP_EN register bit to 1. On the falling transition of
PWREN from 1 to 0, DPSLP state is entered. In a con-
dition when the system is powered up when PWREN =
1, PWREN must be toggled to 0 and back to 1 to set the
DPSLP_EN bit. The next falling PWREN transition puts
the IC into the DPSLP state. While in DPSLP mode, if
there is a fault condition such as system UV or OV or a
thermal fault, the IC resets the DPSLP_EN bit back to 0
when it exits DPSLP mode. This requires PWREN to be
toggled high to set the DPSLP_EN to 1 again and then
toggled back low to enter DPSLP state again. The IC
does not automatically go back into DPSLP state after
exiting the DPSLP state due to fault conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com