Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 42 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 42 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 38Page - Qorvo, Inc ACT88320 Datasheet HTML 39Page - Qorvo, Inc ACT88320 Datasheet HTML 40Page - Qorvo, Inc ACT88320 Datasheet HTML 41Page - Qorvo, Inc ACT88320 Datasheet HTML 42Page - Qorvo, Inc ACT88320 Datasheet HTML 43Page - Qorvo, Inc ACT88320 Datasheet HTML 44Page - Qorvo, Inc ACT88320 Datasheet HTML 45Page - Qorvo, Inc ACT88320 Datasheet HTML 46Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
42 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
CMI 104: ACT88320QI104-T
CMI 104 is optimized for the Silicon Motion SM2262 and SM2263 ICs. It is designed to operate from a regulated 3.3V
input supply. The ACT88320QI104 powers the Silicon Motion reference design, SM2262_M2_S045A, which is an M.2
2280 form factor solid state disk drive, SSD. The ACT88320QI104 provides all required power rails and helps the user
to validate the full SSD system performance.
Voltage and Currents
Startup and Sequencing
Rail
Sequence Order
Sequencing Input
Trigger
StartUp Delay
(us)
Soft-Start (us)
Shutdown Delay
(us)
LDO2
1
VIN_UVLO
500
215
0
Buck1
2
LDO2
500
600
0
Buck3
3
Buck1
500
600
0
LS1
4
Buck3
500
n/a
0
Buck2
5
LS1
1000
600
0
LDO1
n/a
n/a
n/a
n/a
n/a
Rail
Active Mode
Voltage
VSET0 (V)
DVS Voltage
VSET1 (V)
DVS Voltage
Trigger
Sleep Mode
Voltage (V)
DPSLP Mode
Voltage (V)
Current
Limit (A)
Fsw (kHz)
Buck1
0.9
0.75
GPIO4
0.9/0.75
0.9/0.75
4.6
1125
Buck2
1.8
1.2
GPIO2
OFF
OFF
3
2250
Buck3
1.5
1.35
GPIO3
OFF
OFF
3
2250
LDO1
OFF
n/a
n/a
OFF
OFF
0.315
n/a
LDO2
1.8
n/a
n/a
1.8
1.8
0.315
n/a
LS1
ON
n/a
n/a
OFF
OFF
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com