Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 48 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 48 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 44Page - Qorvo, Inc ACT88320 Datasheet HTML 45Page - Qorvo, Inc ACT88320 Datasheet HTML 46Page - Qorvo, Inc ACT88320 Datasheet HTML 47Page - Qorvo, Inc ACT88320 Datasheet HTML 48Page - Qorvo, Inc ACT88320 Datasheet HTML 49Page - Qorvo, Inc ACT88320 Datasheet HTML 50Page - Qorvo, Inc ACT88320 Datasheet HTML 51Page - Qorvo, Inc ACT88320 Datasheet HTML 52Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
48 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
CMI 106: ACT88320QI106-T
CMI 106 is optimized for the Marvel Eldora 88SS1093 microprocessor. It is designed to operate from a regulated 3.3V
input supply.
Voltages and Currents
Startup and Sequencing
Rail
Sequence Order
Sequencing Input
Trigger
StartUp Delay
(us)
Soft-Start (us)
Shutdown Delay
(us)
LDO2
1
VIN_UVLO
500
275
0
Buck1
2
LDO2
500
600
0
Buck2
3
Buck1
500
600
0
EXT_EN
4
Buck2
0
n/a
0
Buck3
5
Buck2
1000
600
0
LS1
n/a
n/a
n/a
n/a
n/a
LDO1
n/a
n/a
n/a
n/a
n/a
Rail
Active Mode
Voltage
VSET0 (V)
DVS Voltage
VSET1 (V)
DVS Voltage
Trigger
Sleep Mode
Voltage (V)
DPSLP Mode
Voltage (V)
Current
Limit (A)
Fsw (kHz)
Buck1
0.9
0.9
n/a
n/a
n/a
4.6
1125
Buck2
1.8
1.8
n/a
n/a
n/a
3
2250
Buck3
1.2
1.2
n/a
n/a
n/a
3
2250
LDO1
Off
n/a
n/a
n/a
n/a
0.315
n/a
LDO2
1.8
n/a
n/a
n/a
n/a
0.315
n/a
LS1
Off
n/a
n/a
n/a
n/a
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com