Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 46 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 46 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 42Page - Qorvo, Inc ACT88320 Datasheet HTML 43Page - Qorvo, Inc ACT88320 Datasheet HTML 44Page - Qorvo, Inc ACT88320 Datasheet HTML 45Page - Qorvo, Inc ACT88320 Datasheet HTML 46Page - Qorvo, Inc ACT88320 Datasheet HTML 47Page - Qorvo, Inc ACT88320 Datasheet HTML 48Page - Qorvo, Inc ACT88320 Datasheet HTML 49Page - Qorvo, Inc ACT88320 Datasheet HTML 50Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
46 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
Hardware Configuration
Because the Marvell Dean 88SS1074 system level configuration does not use the inrush control circuitry, the design
connects OVSNS, OVSNS_M, and OVGATE to ground. The inrush circuitry can be used with the ACT88320QI105 by
connecting them per the datasheet guidelines.
Startup
Buck2
VIN
LDO2
EXT_EN
0.5ms
Buck1
CMI 105 Startup
nRESET
20ms
0.5ms
1ms
Buck3
I2C Address
The ACT88320 7-bit I2C address is 0x25h. Use address 0x4Ah when writing and 0x4Bh when reading.
GPIO1 (pin 13) - nRESET
GPIO1 is configured as an open drain nRESET. nRESET goes open drain 20ms after LDO2 goes into regulation.
GPIO2 (pin 14) – EXT_EN
GPIO2 is configured as an open drain EXT_EN. EXT_EN goes high immediately after Buck2 goes into regulation.
EXT_EN can be used to sequence on an external supply.
GPIO3 (pin 12) – nIRQ
GPIO3 is configured as an open drain nIRQ.
GPIO4 (pin 11) – Buck3_VID
GPIO4 is configured as a VID input for Buck3. When Pin 11 = 1, Buck3 = 1.5V. When Pin 11 = 0, Buck3 = 1.35V. Pin 11
is intended to be hard wired on the PCB to provide the correct startup for different DDR memory types. In applications
not requiring a fixed DDR voltage, pin 11 can be changed at any time to change the Buck3 output voltage
SLEEP MODE
I2C default settings are SLEEP_MODE=0, SLEEP_EN=0, and SLEEP=0. Refer to the SLEEP State paragraph for details
on how to enter SLEEP Mode.
DPSLP MODE
I2C default settings are DPSLP_MODE=1, DPSLP_EN=0, and DPSLP=0. Refer to the DPSLP State paragraph for
details on how to enter DPSLP Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com