Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 37 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 37 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 33Page - Qorvo, Inc ACT88320 Datasheet HTML 34Page - Qorvo, Inc ACT88320 Datasheet HTML 35Page - Qorvo, Inc ACT88320 Datasheet HTML 36Page - Qorvo, Inc ACT88320 Datasheet HTML 37Page - Qorvo, Inc ACT88320 Datasheet HTML 38Page - Qorvo, Inc ACT88320 Datasheet HTML 39Page - Qorvo, Inc ACT88320 Datasheet HTML 40Page - Qorvo, Inc ACT88320 Datasheet HTML 41Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
37 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
The following components have been used with the ACT88320.
REFERENCE
DESCRIPTION
MANUFACTURER
Input Capacitor, Buck1
22uF, 10V, X5R
Standard
Input Capacitor, Buck2/3
22uF, 10V, X5R
Standard
Input Capacitor, LDO1/2
1uF, 10V, X5R
Standard
Output Capacitor, Buck1
2x22uF, 10V, X5R
Standard
Output Capacitor, Buck2/3 22uF, 10V, X5R
Standard
Output Capacitor, LDO1/2 1uF, 10V, X5R
Standard
Inductor, Buck1
1uH, 12mΩ
Wurth 74438356010
Inductor, Buck2/3/4
1uH, 63mΩ
Wurth 74438323010
VIO
1uF, 10V, X5R
Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com