Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 31 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 31 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 27Page - Qorvo, Inc ACT88320 Datasheet HTML 28Page - Qorvo, Inc ACT88320 Datasheet HTML 29Page - Qorvo, Inc ACT88320 Datasheet HTML 30Page - Qorvo, Inc ACT88320 Datasheet HTML 31Page - Qorvo, Inc ACT88320 Datasheet HTML 32Page - Qorvo, Inc ACT88320 Datasheet HTML 33Page - Qorvo, Inc ACT88320 Datasheet HTML 34Page - Qorvo, Inc ACT88320 Datasheet HTML 35Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
31 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
sensitive analog signals near these high
frequency, high dV/dt traces.
3.
Place the LDO input capacitor close to the AVIN
pin. Connect the capacitor directly to AVIN and
AGND on the top layer.
4.
The Buck output capacitors should be placed
by the inductor and connected directly to the
inductor and ground plane with short and wide
traces. The output capacitor ground should
make a short connection to the input capacitor
ground. If required, use multiple vias.
5.
Each regulator’s FB_Bx should be Kelvin
connected to its output capacitor through the
shortest possible route, while keeping sufficient
distance from switching nodes to prevent noise
injection. The IC regulates the output voltage to
this Kelvin connection.
6.
Connect the PGND and AGND ground pins
must
be
electrically
connected
together.
Because the AGND ground plane is used for
analog, digital, and LDO grounds, it does not
need to be completely isolated from the rest of
the PCB grounds. However, take care to avoid
routing the buck converter switching currents
through the analog ground connections.
7.
Connect the VIO input capacitor to the AGND
ground pin.
8.
Remember that all open drain outputs need
pull-up resistors.
9.
Connect the exposed pad directly to the top
layer ground plane. Connect the top layer
ground plane to both internal ground planes
and the PCB backside ground plane with
thermal vias. Provide ground plane routing on
multiple layers to allow the IC’s heat to flow into
the PCB and then spread radially from the IC.
Avoid cutting the ground planes or adding vias
that restrict the radial flow of heat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com