Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 22 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 22 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 18Page - Qorvo, Inc ACT88320 Datasheet HTML 19Page - Qorvo, Inc ACT88320 Datasheet HTML 20Page - Qorvo, Inc ACT88320 Datasheet HTML 21Page - Qorvo, Inc ACT88320 Datasheet HTML 22Page - Qorvo, Inc ACT88320 Datasheet HTML 23Page - Qorvo, Inc ACT88320 Datasheet HTML 24Page - Qorvo, Inc ACT88320 Datasheet HTML 25Page - Qorvo, Inc ACT88320 Datasheet HTML 26Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
22 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
Softstart Time. The softstart time is the time it takes an
output to ramp from 10% to 90% of its programmed
voltage. All buck converter softstart times are controlled
by a single I2C bit ALL_BUCKS_FASTER_SS. When
set to 0, the softstart times are 600µs. When set to 1,
the softstart times are 250µs. The default softstart time
can be changed after the IC is powered on, but it is
volatile and resets to the factory defaults when power is
recycled.
Output Voltage. The output voltage is each regulator’s
desired
voltage.
Each
buck’s
output
voltage
is
programmed via its I2C bits VSET0 and VSET1. The
output regulates to VSET0 in ACTIVE mode. They can
be programmed to regulate to VSET1 in DVS, SLEEP,
and DSPSLP modes. Each LDO has a single register,
VSET, to set its output voltage. Each output’s voltage
can be changed after the IC is powered on, but the new
setting is volatile and is reset to the factory defaults
when power is recycled. Output voltages can be
changed on the fly. If a large output voltage change is
required, it is best to make multiple smaller changes.
This prevents the IC from detecting an instantaneous
over or under voltage condition because the fault
thresholds are immediately changed, but the output
takes time to respond.
Dynamic Voltage Scaling
On-the-fly dynamic voltage scaling (DVS) for the three
buck converters is available via either the I2C interface
or a GPIO. DVS allows systems to save power by
quickly adjusting the microprocessor performance level
when the workload changes. Note that DVS is not a
different operating state. The IC operates in the ACTIVE
state, but just regulates the outputs to a different voltage.
Each buck converter operates at its VOUT0 voltage in
normal operation and operates at its VOUT1 voltage
when the DVS input trigger is active. DVS can be
implemented two ways.
DVS can be implemented for all buck converters at one
time via a single GPIO input. The IC’s specific CMI
determines the specific GPIO used for DVS. This setting
can be modified with a custom CMI.
DVS can be implemented for all buck converters at one
time via I2C. The user can select from two different
configurations to enter DVS via I2C. Note that DVS is
disabled when EN_DVS_I2C = 0.
1.
Enable DVS via a single I2C write to
I2C_DVS_ON bit: With EN_DVS_I2C = 1
and SEL_DVS_IN = 0, the IC enters DVS
when I2C_DVS_ON = 1 and exits DVS
when it equals 0.
2.
Enable DVS whenever the IC enters
SLEEP state: With EN_DVS_I2C = 1 and
SEL_DVS_IN = 1, any condition that puts
the IC into SLEEP state also puts the IC
into DVS mode. Note that I2C_DVS_ON bit
does not affect this configuration.
Note that the IC cannot be configured to enter DVS in
DPSLP state. Table 3 summarizes I2C DVS functionality.
EN_DVS_I2C
SEL_DVS_IN
I2C_DVS_ON
DVS
MODE
0
x
x
Off
1
0
0
Off
1
0
1
On
1
1
x
On in
SLEEP
state
Table 3. I2C DVS Control
For fault free operation, the user must ensure output
load conditions plus the current required to charge the
output capacitance during a DVS rising voltage
condition does not exceed the current limit setting of the
regulator. As with any power supply, changing an output
voltage too fast can require a current higher than the
current limit setting. The user must ensure that the
voltage step, slew rate, and load current conditions do
not result in an instantaneous loading that results in a
current limit condition.
Input Voltage Monitoring (SYSMON)
The ACT88320 monitors the input voltage on the VIN
pins to ensure it is within specified limits for system level
operation.
The
IC
“wakes
up”
and
allows
I2C
communication when VIN rises above UVLO (~2.7V).
However, the outputs do not turn on until VIN rises
above
the
SYSMON
threshold.
SYSMON
is
programmable between 2.7V and 4.2V. The IC then
asserts the nIRQ pin if VIN drops below SYSMON, but
the outputs continue to operate normally. The IC turns
off all outputs if the input voltage drops below UVLO. I2C
bit VSYSSTAT = 1 when VIN < SYSMON and 0 when
VIN > SYSMON. This fault can be masked with I2C bit
VSYSMSK.
Fault Protection
The ACT88320 contains several levels of fault
protection, including the following:
Output Overvoltage
Output Undervoltage
Output Current Limit and short circuit
Thermal Warning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com