Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 19 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 19 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 15Page - Qorvo, Inc ACT88320 Datasheet HTML 16Page - Qorvo, Inc ACT88320 Datasheet HTML 17Page - Qorvo, Inc ACT88320 Datasheet HTML 18Page - Qorvo, Inc ACT88320 Datasheet HTML 19Page - Qorvo, Inc ACT88320 Datasheet HTML 20Page - Qorvo, Inc ACT88320 Datasheet HTML 21Page - Qorvo, Inc ACT88320 Datasheet HTML 22Page - Qorvo, Inc ACT88320 Datasheet HTML 23Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
19 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
valid range. The IC transitions from any other state to
RESET if the input voltage drops below the VIN_UV
threshold voltage. It is important to note any transition
to RESET returns all volatile and non-volatile registers
to their default states.
POWER SEQUENCE START State
The POWER SEQUENCE START state is a transitional
state while the regulators are starting. The IC does not
operate in this state.
ACTIVE State
The ACTIVE state is the normal operating state when
the input voltage is within the allowable range, all
outputs are turned on, and no faults are present.
SLEEP State
The SLEEP state is a low power mode for the operating
system. Each output can be programmed to be on or
off in the SLEEP state. The outputs follow their
programmed sequencing delay times when turning on
or off as they enter or exit the SLEEP state. Buck1/2/3
can be programmed to regulate to their VSET0 voltage,
VSET1 voltage, or be turned off in the SLEEP state.
LDO1/2 can be programmed to regulate to their VSET0
voltage or can be programmed to be turned off. Note
that LDO1/2 do not have a VSET1 voltage.
The IC can enter SLEEP state via I2C registers SLEEP
and SLEEP EN. Table 1 shows the conditions to enter
SLEEP state. ACT88320 I2C stays enabled in SLEEP
state. The IC exits the SLEEP state when the conditions
to enter SLEEP state are no longer present.
Table 1. SLEEP Mode Truth Table
DPSLP State
The DPSLP state is another low power operating mode
for the operating system. It is intended to be used in a
lower power configuration than the SLEEP mode. It is
similar to the SLEEP state, but DPSLP uses slightly
different configurations to enter and exit this mode.
Each output can be programmed to be on or off in the
DPSLP state. This programming can different from the
SLEEP state. The outputs follow their programmed
sequencing delay times when turning on or off as they
enter or exit the DPSLP state.
The IC can enter DPSLP state via I2C registers DPSLP
and DPSLP EN and/or a GPIO input pin. Table 2 shows
the conditions to enter DPSLP state. ACT88320 I2C
stays enabled in DPSLP state. The IC exits the DPSLP
state when the conditions to enter DPSLP state are no
longer present.
If OV, UV, or THERMAL faults occur when in DPSLP
state, the IC resets to the POWER ON/Active state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com