Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 27 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 27 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 23Page - Qorvo, Inc ACT88320 Datasheet HTML 24Page - Qorvo, Inc ACT88320 Datasheet HTML 25Page - Qorvo, Inc ACT88320 Datasheet HTML 26Page - Qorvo, Inc ACT88320 Datasheet HTML 27Page - Qorvo, Inc ACT88320 Datasheet HTML 28Page - Qorvo, Inc ACT88320 Datasheet HTML 29Page - Qorvo, Inc ACT88320 Datasheet HTML 30Page - Qorvo, Inc ACT88320 Datasheet HTML 31Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
27 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
Active Semi recommends that the buck converter’s
output voltage be kept within +/- 25% of the default
output voltage to maintain accuracy. Voltage changes
larger than +/- 25% may require different factory trim
settings (new CMI) to maintain accuracy.
DVS
Each buck converter supports Dynamic Voltage Scaling
(DVS). In normal operation for most CMI options, each
output regulates to the voltage programmed by its
VSET0 I2C register. During DVS, each output can be
programmed to regulate to its VSET1 voltage.
During the voltage transition between VSET0 to VSET1
and VSET1 to VSET0, the I2C bit FORCEPWM is set to
1 to force the buck converters into PWM mode. This
ensures that the output transition to the new voltage
level as quickly as possible. The outputs transition
between the two setpoints at a defined slew rate to
minimize inrush currents. Note that VSET0 must be set
higher than VSET1. Violating this requirement results in
an OV fault during DVS.
For fault free operation, the user must ensure output
load conditions plus the current required to charge the
output capacitance during a DVS rising voltage
condition does not exceed the current limit setting of the
regulator. As with any power supply, changing an output
voltage too fast can require a current higher than the
current limit setting. The user must ensure that the
voltage step, slew rate, and load current conditions do
not result in an instantaneous loading that results in a
current limit condition. See paragraph Dynamic Voltage
Scaling for options to enter and exit DVS.
Enable / Disable Control
During normal operation, each buck may be enabled or
disabled via the I2C interface by writing to that
regulator's ON bit. Note that disabling a regulator that is
used as an input trigger to another regulator may or may
not disable the other regulators following it, depending
on the specific CMI settings. Each buck converter has a
load discharge function designed to quickly pull the
output voltage to ground when the converter is disabled.
The circuit connects an internal resistor (4.4ohm for
Buck1 and 9.4ohms for Buck2/3) from the output to
PGND when the converter is disabled.
POK and Output Fault Interrupt
Each DC/DC features a power-OK status bit, POK,
which can be read by the system microprocessor via the
I2C interface. If an output voltage is lower than the POK
threshold,
typically
7%
below
the
programmed
regulation voltage, that regulator’s POK bit will be 0.
If a DC/DC's nFLTMSK[ ] bit is set to 1, the ACT88320
will interrupt the processor if the DC/DC's output voltage
falls below the power-OK threshold. In this case, nIRQ
asserts low and remains asserted until either the
regulator is turned off or goes back into regulation, and
the POK [ ] bit has been read via I2C.
Optimizing Noise
Each buck converter contains several features available
via I2C to further optimize functionality. The top P-ch
FET’s turn-on timing can be shifted approximately
110ns from the master clock edge via the PHASE_DE-
LAY I2C bit. It can also be aligned to the rising or falling
clock edge via the PHASE I2C bit.
Minimum On-Time
The ACT88320 minimum on-time is approximately
125ns. If a buck converter’s calculated on-time is less
than 125ns with 2.25MHz operation, then the buck
converter must be operated at 1.125MHz. Active Semi
will generate the IC CMIs to ensure that the buck
converters do not run into the minimum on-time limita-
tions. The following equation calculates the on-time.
=
∗
Where Vout is the output voltage, VIN is the input
voltage, and FSW is the switching frequency.
Overcurrent and Short Circuit Protection
Each buck converter provides overcurrent and short
circuit protection with built in foldback protection.
Overcurrent protection is achieved with cycle-by-cycle
current limiting. The peak current threshold is set by the
ILIM_SET I2C bits.
If the peak current reaches 75% of the programmed
threshold for 16 consecutive switching cycles, the IC as-
serts nIRQ low and changes I2C bit ILIM_WARN = 1,
but continues to operate normally.
If the peak current reaches the programmed threshold,
the IC turns off the power FET for that switching cycle.
If the peak current reaches the threshold 16 consecutive
switching cycles, the IC asserts nIRQ low. This condi-
tion typically results in shutdown due to an UV condition
due to the shortened switching cycle.
A short circuit condition that results in the peak switch
current being 122.5% of ILIM_SET immediately shuts
down the supply and asserts nIRQ low if the fault bit is
not masked. The supply tries to restart in 14ms. If the
fault condition is not masked, the IC transitions to the
OVUV State, turns off all supplies, and restarts the sys-
tem in 100ms.
The buck converters also have built in current foldback
protection. After softstart is complete, if a short circuit or
overload condition causes the output to go out of regu-
lation for > 28us, the IC reduces the peak-to-peak cur-
rent limit to 1.5A. This reduces system level power dis-
sipation in short circuit or overload conditions. If the load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com