Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 24 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 20Page - Qorvo, Inc ACT88320 Datasheet HTML 21Page - Qorvo, Inc ACT88320 Datasheet HTML 22Page - Qorvo, Inc ACT88320 Datasheet HTML 23Page - Qorvo, Inc ACT88320 Datasheet HTML 24Page - Qorvo, Inc ACT88320 Datasheet HTML 25Page - Qorvo, Inc ACT88320 Datasheet HTML 26Page - Qorvo, Inc ACT88320 Datasheet HTML 27Page - Qorvo, Inc ACT88320 Datasheet HTML 28Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
24 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
unmasked, it asserts the nIRQ pin. The next level is
when the current increases to the Cycle-by-Cycle
threshold. The buck converter limits the peak switch
current in each switching cycle. This reduces the
effective duty cycle and causes the output voltage to
drop, potentially creating an undervoltage condition.
When the overcurrent condition results in an UV
condition, and UV is not masked, the IC turns off all
supplies for 100ms and restarts. The third level is when
the peak switch current reaches 122% of the Cycle-by-
Cycle current limit threshold. This immediately shuts
down the regulator and waits 14ms before restarting.
For LDOs, the overcurrent thresholds are set by each
LDO’s Output Current Limit setting. When the output
current reaches the Current Limit threshold, the LDO
limits the output current. This reduces the output voltage,
creating an undervoltage condition, causing all supplies
to turn off for 100ms before restarting.
The overcurrent fault limits for the buck converters are
adjustable
via
I2C.
LDO
current
limit
is
fixed.
Overcurrent fault reporting can be masked via I2C, but
the overcurrent limits are always active and will shut
down the IC when exceeded.
Thermal Warning and Thermal Shutdown
The ACT88320 monitors its internal die temperature
and reports a warning via nIRQ when the temperature
rises above the Thermal Interrupt Threshold of typically
135 deg C. It reports a fault when the temperature rises
above the Thermal Shutdown Temperature of typically
160 deg C. A temperature fault shuts down all outputs
unless the fault is masked. Both the fault and the
warning can be masked via I2C. The temperature
warning and fault flags still provide real-time status even
if the faults are masked. Masking just prevents the faults
from being reported via the nIRQ pin.
INRUSH Control
When power is applied to the system, the OVSNS pin
checks for under voltage and over voltage. If the input
voltage is within spec, the IC turns on an external
N-Channel MOSFET, which supplies power to the VIN
and AVIN pins. VIN and AVIN power the IC, the buck
converters, and the LDOs. The IC controls the voltage
ramp on VIN to control the inrush current from the input
voltage. The gate drive voltage is typically V, which
requires a 12V gate drive FET.
OVP Control
When over voltage is detected on the OVSNS pin, it
generates a fault condition to shutdown the inrush
controller. The overvoltage condition latches VIN output
off until the overvoltage condition is removed. When the
input
voltage
is
within
specified
limits,
the
IC
automatically restarts. An OVP condition is not reported
via I2C.
Input Current Limit
An external sense resistor can be used between
OVSNS and OVSNS_M to detect the input current to
VIN. An overcurrent warning occurs when the voltage
across the sense resistor reaches 72.5% of the current
limit threshold. The current warning asserts nIRQ low.
The current limit warning can be masked with I2C bit
INRUSH_ILIM_MSK. An overcurrent condition occurs
when the voltage across the sense resistor reaches the
current limit threshold voltage of 85mV. OVGATE
modulates the external MOSFET gate voltage to regu-
late the maximum current through the MOSFET and
protect against an overcurrent condition. If the system
attempts to pull more current, the VIN voltage starts to
drop. If VIN drops below the programmed SYSMON
setting, the IC asserts nIRQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com