Electronic Components Datasheet Search
  English  ▼

X  

ACT88320 Datasheet(PDF) 18 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 18 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 14Page - Qorvo, Inc ACT88320 Datasheet HTML 15Page - Qorvo, Inc ACT88320 Datasheet HTML 16Page - Qorvo, Inc ACT88320 Datasheet HTML 17Page - Qorvo, Inc ACT88320 Datasheet HTML 18Page - Qorvo, Inc ACT88320 Datasheet HTML 19Page - Qorvo, Inc ACT88320 Datasheet HTML 20Page - Qorvo, Inc ACT88320 Datasheet HTML 21Page - Qorvo, Inc ACT88320 Datasheet HTML 22Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
18 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
SYSTEM CONTROL INFORMATION
General
The ACT88320 is a single-chip integrated power
management
solution
designed
to
power
many
processors such as the Silicon Motion SM2258 and
SM2259 solid state drive controllers and the Atmel
SAMA5D processors. It integrates three highly efficient
buck regulators, two LDOs, an integrated load bypass
switch, and a built in inrush and overvoltage controller.
Its high integration and high switching frequency result
in an extremely small footprint and low cost power
solution. It contains a master controller that manages
startup sequencing, timing, voltages, slew rates, sleep
states, and fault conditions. I2C configurability allows
system level changes without the need for costly PCB
changes. The built-in load bypass switch enables full
sequencing configurability in 3.3V systems.
The ACT88320 master controller monitors all outputs
and reports faults via I2C and hardwired status signals.
Faults can be masked and fault levels and responses
are configurable via I2C.
Many of the ACT88320 pins and functions are
configurable. The IC’s default functionality is defined by
the default CMI (Code Matrix Index), but much of this
functionality can be changed via I2C. Several GPIOs
can be configured as enable inputs, reset outputs,
dynamic voltage (DVS) inputs, LED drivers, etc. The
GPIO configuration is specifically defined for each
ACT88320 orderable part number. The first part of the
datasheet describes basic IC functionality and default
pin functions. The end of the datasheet provides the
configuration and functionality specific to each CMI
version. Contact sales@active-semi.com for additional
information about other configurations.
I2C Serial Interface
To ensure compatibility with a wide range of systems,
the ACT88320 uses standard I2C commands. The
ACT88320 operates as a slave device, and can be
factory configured to one of four 7-bit slave addresses.
The 7-bit slave address is followed by an eighth bit,
which indicates whether the transaction is a read-
operation or a write-operation. Refer to each specific
CMI for the IC’s slave address
7-Bit Slave Address
8-Bit Write
Address
8-Bit Read
Address
0x25h
010 0101b
0x4Ah
0x4Bh
0x27h
010 0111b
0x4Eh
0x4Fh
0x67h
110 0111b
0xCEh
0xCFh
0x6Bh
110 1011b
0xD6h
0xD7h
There is no timeout function in the I2C packet
processing state machine, however, any time the I2C
state machine receives a start bit command, it
immediately resets the packet processing, even if it is in
the middle of a valid packet. The I2C functionality is
operational in all states except RESET.
I2C commands are communicated using the SCL and
SDA pins. SCL is the I2C serial clock input. SDA is the
data input and output. SDA is open drain and must have
a pull-up resistor. Signals on these pins must meet
timing requirements in the Electrical Characteristics
Table.
I2C Registers
The ACT88320 contains an array of internal registers
that contain the IC’s basic instructions for setting up the
IC configuration, output voltages, sequencing, fault
thresholds, fault masks, etc. These registers are what
give the IC its operating flexibility. The two types of
registers are described below.
Basic Volatile – These are R/W (Read and Write) and
RO (Read only). After the IC is powered, the user can
modify
the
R/W
register
values
to
change
IC
functionality. Changes in functionality include things like
masking certain faults. The RO registers communicate
IC status such as fault conditions. Any changes to these
registers are lost when power is recycled. The default
values are fixed and cannot be changed by the factory
or the end user.
Basic Non-Volatile – These are R/W and RO. After the
IC is powered, the user can modify the R/W register
values
to
change
IC
functionality.
Changes
in
functionality include things like output voltage settings,
startup delay time, and current limit thresholds. Any
changes to these registers are lost when power is
recycled. The default values can be modified at the
factory
to
optimize
IC
functionality
for
specific
applications. Please consult sales@active-semi.com for
custom options and minimum order quantities.
When modifying only certain bits within a register, take
care
to
not
inadvertently
change
other
bits.
Inadvertently changing register contents can lead to
unexpected device behavior.
State Machine
Figure 1 shows the ACT88320 internal state machine.
RESET State
In the RESET, or “cold” state, the ACT88320 is waiting
for the input voltage on VIN to be within a valid range
defined by the VIN_UV and VIN_OV thresholds. All
regulators are off in RESET. All reset outputs are
asserted low. All volatile registers are reset to defaults
and Non-Volatile registers are reset to programmed
defaults. The IC transitions from RESET to POWER
SEQUENCE START when the input voltage enters the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com