Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
7.2 Functional Block Diagram
BIAS
CONTROLLER CHANNEL 1/2
MOSFET GATE DRIVER CH1/2
5V LDO
300mA
PLL and
OSCILLATORS
DRSS
800mV
+
-
CURRENT SENSE
AMPLIFIER GAIN = 10
+
–
CURRENT
LIMIT
CBOOT1/2
UVLO
90µs
glitch filter
2ms recovery
delay
PGOV
PGUV
840mV
(8mV hyst)
760mV
(8mV hyst)
FB
SELECTOR
3.3V/5V/12V
or external FB
ERROR
AMPLIFIER
INTERNAL FB
CONFIG
DECODER
CBOOT1/2
SYNCOUT
RT
HO1/2
SW1/2
LO1/2
PGND
VCC
+
–
SOFT START
COMMON
CHARGE
PUMP
-
+
PWM
COMPARATOR
+
SS
600µS
SLOPE
COMP
RAMP
+
–
SKIP-MODE
CURRENT
LIMIT
+
–
NEGATIVE
CURRENT
LIMIT
+
–
FB1/2
FB SKIP-MODE
REGULATION
COMPARATOR
INTERNAL FB
512 CLOCKS TO HICCUP
16384 CLOCKS TO RECOVER
PWM
HICCUP FAULT TIMER
EN1/2
+
-
–5.5mV
DEAD
TIME
LOGIC
1.75V 0.3V
0V
0V
+
–
COMP STANDBY
EN
EN1/2
EN
INTLV MODE
ILIM
SW1/2
FB1 and FB2
DECODER
SEC
INTLV
DUAL (5% DRSS)
DUAL
FB Select
3.3V / 5V / 12V / External
FB1/2
CNFG
RSS
STARTUP TIME
SSTIME
SSTIME
FB
Select
VOUT1
4.3V
0.6V
3.8V
3.5V
VCC_UV
EN_CH1/2
EN_BIAS
Detect SYNC
VREFs
VREF
PG VTH (760mV, 840mV)
DUAL (10% DRSS)
INTLV (5% DRSS)
INTLV (10% DRSS)
12
TSD
VCC
PFM/FPWM
+
–
1V
0V
+
–
1V
0V
+
–
270°
90°
CLK1 0°
CLK2 180°
100mV
800mV
600mV
SYNC
OUT
600mV
120mV
–300mV
PG1/2
COMP1/2
FB1/2
VOUT1/2
ISNS1/2+
AGND
VDDA
VCC
VIN
PFM/SYNC
EN1/2
CLK1/2
1V
0.95V
EN1/2
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com