Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 47 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 47 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
8.2.1.3 Application Curves (continued)
100µs/DIV
VOUT1 200mV/DIV
IOUT1 10A/DIV
VIN = 12V
FPWM
Figure 8-11. Load Transient, 5V Output, 0A to 20A
100µs/DIV
VOUT1 200mV/DIV
IOUT1 10A/DIV
VIN = 12V
FPWM
Figure 8-12. Load Transient, 5V Output, 0A to 10A
100µs/DIV
IOUT2 10A/DIV
VOUT2 200mV/DIV
VIN = 12V
FPWM
Figure 8-13. Load Transient, 3.3V Output, 0A to 20A
100µs/DIV
IOUT2 10A/DIV
VOUT2 200mV/DIV
VIN = 12V
FPWM
Figure 8-14. Load Transient, 3.3V Output, 0A to 10A
VIN = 12V
IOUT1 = IOUT2 = 10A
Figure 8-15. CISPR 25 Class 5 EMI Performance, Both Outputs
Loaded at 10A
VIN = 12V
VEN2 = 0V
IOUT1 = 10A
Figure 8-16. CISPR 25 Class 5 EMI Performance, 5V Output at
10A, Ch2 Disabled
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com