Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 59 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 59 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments LM5145 Datasheet HTML 61Page - Texas Instruments LM5145 Datasheet HTML 62Page - Texas Instruments LM5145 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
• Create an analog ground plane near the IC for sensitive analog components. Connect the AGND plane and
the PGND power ground planes at a single point at the die attach pad (DAP) of the IC.
• Increase the width of the BIAS1/VOUT1 trace to minimize the voltage offset related to VCC bias current, as
shown in Figure 8-29.
Place four paralleled 0603
capacitors close the drain of the
high-side FET and connect with
vias to the GND plane on layer 2
Locate the output capacitors
(1210 footprint) close to the
inductor
Optional RC sense network for
inductor DCR current sensing
Shunt resistor for current sensing
with centrally placed sense vias
High-frequency switching current loop
with reduced effective area for lowest
power-loop parasitic inductance
Use large copper area for
heatsinking of the high-side FET
VIN
VOUT
SW
PGND
Output capacitors (1210)
Shunt (1225)
Low-side
FET
(5
6mm)
High-side
FET
(5
6mm)
G
S
G
S
Inductor
Input
capacitors
(0603)
Input capacitors
(1210)
Keep the switch-node copper
area as small as possible
Place a pair of 1210 input capacitors
(C35, C37) on each side of the FET in
a butterfly layout for field cancellation
Place the inductor close to the FETs and
use a cutout of the copper underneath to
avoid parasitic coupling paths
Figure 8-27. Power Stage Component Layout
High-side
MOSFET
0603 input
capacitors
SW
VIN
GND
GND
0.3mm
vias
L1
L2
L3
L4
Tightly-coupled return path
minimizes power-loop impedance
0.15mm
L5
L6
Low-side
MOSFET
See the Improve High-current DC/DC Regulator Performance for Free with Optimized Power Stage Layout application brief for more
detail.
Figure 8-28. PCB Stack-Up Diagram With Low L1-L2 Intra-layer Spacing
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com