Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 62 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 62 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments LM5145 Datasheet HTML 61Page - Texas Instruments LM5145 Datasheet HTML 62Page - Texas Instruments LM5145 Datasheet HTML 63Page - Texas Instruments LM5145 Datasheet HTML 64Page - Texas Instruments LM5145 Datasheet HTML 65Page - Texas Instruments LM5145 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer gives a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
9.2 Documentation Support
9.2.1 Related Documentation
For related documentation, see the following:
• User's guides:
– Texas Instruments, LM5137F-Q1 12V, 20A Single-Output Evaluation Module
– Texas Instruments, LM25137-Q1 Evaluation Module
– Texas Instruments, LM5143-Q1 EVM User's Guide
– Texas Instruments, LM5141-Q1 EVM User's Guide
– Texas Instruments, LM5146-Q1 EVM User's Guide
– Texas Instruments, LM5145EVM-HD-20A High Density Evaluation Module
– Texas Instruments, LM5149-Q1 Buck Converter Evaluation Module User's Guide
– Texas Instruments, LM5190-Q1 CC-CV Buck Controller Evaluation Module
• Application notes:
– Texas Instruments, How to Implement a Four-Phase Interleaving Buck With the LM5137F-Q1
– Texas Instruments, LM5143-Q1 4-phase Buck Regulator Design for Automotive ADAS Applications
• Technical articles:
– Texas Instruments, Achieving functional safety compliance in automotive off-battery buck preregulator
designs
– Texas Instruments, Powering next-generation ADAS processors with TI Functional Safety-Compliant buck
regulators
9.2.1.1 Low-EMI Design Resources
• Texas Instruments, Low EMI landing page
• Texas Instruments, Tackling the EMI challenge company blog
• Texas Instruments, An Engineer's Guide to Low EMI in DC/DC Regulators e-book
• Texas Instruments, Designing a low-EMI power supply video series
• White papers:
– Texas Instruments, An Overview of Conducted EMI Specifications for Power Supplies
– Texas Instruments, An Overview of Radiated EMI Specifications for Power Supplies
– Texas Instruments, Time-Saving and Cost-Effective Innovations for EMI Reduction in Power Supplies
– Texas Instruments, Valuing Wide VIN, Low EMI Synchronous Buck Circuits for Cost-driven, Demanding
Applications
• Texas Instruments, Improve High-Current DC/DC Regulator EMI for Free With Optimized Power Stage
Layout application brief
• Texas Instruments, Reduce Buck Converter EMI and Voltage Stress by Minimizing Inductive Parasitics
analog design journal
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
62
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com