Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 25 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
7.3.11 Inductor Current Sense (ISNS1+, BIAS1/VOUT1, ISNS2+, VOUT2)
There are two methods to sense the inductor current of the buck power stage. The first uses a current sense
resistor (also known as a shunt) in series with the inductor, and the second avails of the DC resistance of the
inductor (DCR current sensing).
7.3.11.1 Shunt Current Sensing
Figure 7-5 illustrates inductor current sensing using a shunt resistor. This configuration continuously monitors
the inductor current to provide accurate overcurrent protection across the operating temperature range. For
optimal current sense accuracy and overcurrent protection, use a low parasitic inductance shunt resistor of ±1%
tolerance connected between the inductor and the output. Use Kelvin sense connections at the shunt and route
the sense lines differentially back to the LM25137.
If the peak voltage sensed differentially at [ISNS1+, BIAS1/VOUT1] or [ISNS2+, VOUT2] exceeds the current
limit threshold of 60mV, the current limit comparator immediately terminates the respective HO output for
cycle-by-cycle current limiting. Calculate the shunt resistance using Equation 6.
'
CS-TH
S
L
OUT(CL)
V
R
I
I
2
(6)
where
• VCS-TH is current sense threshold of 60mV.
• IOUT(CL) is the overcurrent setpoint that is set higher than the maximum load current to avoid tripping the
overcurrent comparator during load transients.
• ΔIL is the peak-to-peak inductor ripple current.
VOUT1
BIAS1/VOUT1
Current sense
amplifier
COUT1
ISNS1+
LO1
RS1
VIN
CS gain = 10
+
Figure 7-5. Shunt Current Sensing Implementation
7.3.11.2 Inductor DCR Current Sensing
For high-power applications that do not require accurate current-limit protection, inductor DCR current sensing
is preferable. This technique provides lossless and continuous monitoring of the inductor current using an RC
sense network in parallel with the inductor. Select an inductor with a low DCR tolerance to achieve a typical
current limit accuracy within the range of 10% to 15% at room temperature. Components RCS and CCS in Figure
7-6 create a low-pass filter across the inductor to enable differential sensing of the voltage drop across the
inductor DCR.
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com