Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 57 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments LM5145 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
coupling. Use internal layers as ground planes. Pay particular attention to shielding the feedback (FB) trace
from power traces and components.
3. Locate the upper and lower feedback resistors (if required) close to the respective FB pins, keeping the FB
traces as short as possible. Route the trace from the upper feedback resistors to the required output voltage
sense points at the loads.
4. Route the [ISNS1+, BIAS1/VOUT1] and [ISNS2+, VOUT1/2] traces as differential pairs to minimize noise
pickup and use Kelvin connections to the applicable shunt resistor (if shunt current sensing is used) or to the
sense capacitor (if inductor DCR current sensing is used). In particular, use a wide trace for the connection
to BIAS1/VOUT1, preferably 80mils (2mm), to minimize the voltage drop related to bias current flowing to
that pin affecting the current sense.
5. Minimize the loop area from the VCC and VIN pins through the respective decoupling capacitors to the
PGND pin. Locate these capacitors as close as possible to the LM25137.
8.4.1.4 Thermal Design and Layout
The useful operating temperature range of a PWM controller with integrated gate drivers and bias supply LDO
regulator is greatly affected by the following:
• Average gate drive current requirements of the power MOSFETs
• Switching frequency
• Operating input voltage (affecting bias regulator LDO voltage drop and hence the power dissipation)
• Thermal characteristics of the package and operating environment
For a PWM controller to be useful over a particular temperature range, the package must allow for the efficient
removal of the heat produced while keeping the junction temperature within rated limits. The LM25137 controller
is available in a small 6mm × 6mm 36-pin VQFNP (RHA) PowerPAD package to cover a range of application
requirements. Thermal Information summarizes the thermal metrics of this package.
The 36-pin VQFNP package offers a means of removing heat from the semiconductor die through the exposed
thermal pad at the base of the package. While the exposed pad of the package is not directly connected to
any leads of the package, exposed pad of the package is thermally connected to the substrate of the LM25137
device (ground). This connection allows a significant improvement in heat sinking, and designing the PCB with
thermal lands, thermal vias, and a ground plane to complete the heat removal subsystem is imperative. The
exposed pad of the LM25137 is soldered to the ground-connected copper land on the PCB directly underneath
the device package, reducing the thermal resistance to a very low value.
Numerous vias with a 0.3mm diameter connected from the thermal land to the internal and solder-side ground
plane or planes are vital to help dissipation. In a multi-layer PCB design, a solid ground plane is typically placed
on the PCB layer below the power components. Not only does this action provide a plane for the power stage
currents to flow but this action also represents a thermally conductive path away from the heat generating
devices.
The thermal characteristics of the MOSFETs also are significant. The drain pads of the high-side MOSFETs are
normally connected to a VIN plane for heat sinking. The drain pads of the low-side MOSFETs are tied to the
respective SW planes, but the SW plane area is purposely kept as small as possible to mitigate EMI concerns.
8.4.1.5 Ground Plane Design
As mentioned previously, TI recommends using one or more of the inner PCB layers as a solid ground plane.
A ground plane offers shielding for sensitive circuits and traces and also provides a quiet reference potential for
the control circuitry. Connect the PGND pin of the LM25137 to the system ground plane using an array of vias
under the exposed pad. Also connect the PGND copper directly to the return terminals of the input and output
capacitors. The PGND nets contain noise at the switching frequency and can bounce because of load current
variations. The power traces (polygons) to the power-stage components for PGND, VIN and SW1/SW2 can be
restricted to one side of the ground plane. The other side of the ground plane contains much less noise and is an
excellent choice for sensitive analog trace routes.
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com