Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 36 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
2
IN(min)
IN
IN
V
Z
P
(18)
The EMI filter design steps are as follows:
• Calculate the required attenuation of the EMI filter at the switching frequency, where CIN represents the
existing capacitance at the input of the switching regulator.
• The input filter inductor LIN is usually selected between 1μH and 6.8μH, but can be lower to reduce losses in
a high-current design.
• Calculate input filter capacitor CF.
VIN
GND
LIN
CIN
CF
CD
RD
VOUT
LF
COUT
Q1
Q2
GND
Figure 8-2. Buck Regulator With π-Stage EMI Filter
By calculating the first harmonic current from the Fourier series of the input current waveform and multiplying
by the input impedance (the impedance is defined by the existing input capacitor CIN), Equation 19 presents an
expression to obtain the required attenuation.
S
S
§
·
¨
¸
˜
˜
˜
¨
¸
˜
˜
©
¹
L(PEAK)
MAX
MAX
2
SW
IN
I
1
Attn
20log
sin
D
V
1 9
F
C
(19)
where
• VMAX is the allowed dBμV noise level for the applicable conducted EMI specification (for example, CISPR 25
Class 5)
• CIN is the existing input capacitance of the buck regulator
• DMAX is the maximum operating duty cycle (at minimum input voltage)
• IL(PEAK) is the peak inductor current
For filter design purposes, the current at the input can be modeled as a square-wave. Determine the EMI filter
capacitance CF from Equation 20.
2
Attn
40
F
IN
SW
1
10
C
L
2
F
S
§
·
¨
¸
¨
¸
˜
¨
¸
¨
¸
©
¹
(20)
Adding an input filter to a switching regulator as shown in Figure 8-2 modifies the control-to-output transfer
function. The output impedance of the filter must be sufficiently low such that the input filter does not significantly
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com