Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
load current,
iOUT(t)
IOUT1
IOUT2
'IOUT
tramp
IOUT2
IOUT1
'IOUT
inductor current, iL(t)
inductor current, iL(t)
load current, iOUT(t)
'QC
'QC
OUT
OUT
ramp
di
I
dt
t
'
IN
OUT
L
F
V
V
di
dt
L
OUT
L
F
V
di
dt
L
Figure 8-1. Load Transient Response Representation Showing COUT Charge Surplus or Deficit
In a typical regulator application of 12V input to low output voltage (for example, 3.3V), the load-off transient
represents the worst case in terms of output voltage transient deviation. With that voltage conversion ratio, the
steady-state duty cycle is approximately 28% and the large-signal inductor current slew rate when the duty cycle
collapses to zero is approximately –VOUT/L. Compared to a load-on transient, the inductor current takes much
longer to transition to the required level. The surplus of charge in the output capacitor causes the output voltage
to significantly overshoot. In fact, to deplete this excess charge from the output capacitor as quickly as possible,
the inductor current must ramp below the nominal level following the load step. In this scenario, a large output
capacitance can be advantageously employed to absorb the excess charge and minimize the voltage overshoot.
Equation 13 calculates the output capacitance to meet the dynamic specification of output voltage overshoot
during such a load-off transient (denoted as ΔVOVERSHOOT with step reduction in output current given by ΔIOUT).
2
O
OUT
OUT
2
2
OUT
OVERSHOOT
OUT
L
I
C
V
V
V
˜ '
t
'
(14)
The capacitor manufacturer data sheet provides the ESR and ESL, either explicitly as specifications or implicitly
in the impedance versus frequency curve. Depending on the type, size, and construction, electrolytic capacitors
have significant ESR, 10mΩ and above, and relatively high ESL, 10nH to 20nH. PCB traces contribute some
parasitic resistance and inductance as well. Ceramic output capacitors, have low ESR and ESL contributions
at the switching frequency, and the capacitive impedance dominates. However, depending on the package and
voltage rating of the ceramic capacitor, the effective capacitance can drop quite significantly with applied DC
voltage and operating temperature.
Ignoring the ESR term in Equation 13 gives a quick estimation of the minimum ceramic capacitance necessary
to meet the output ripple specification. Four 47µF, 10V, X7R capacitors in 1210 footprint are a common choice
for a 5V output. Use Equation 14 to determine if additional capacitance is necessary to meet the load-off
transient overshoot specification.
A composite implementation of ceramic and electrolytic capacitors highlights the rationale for paralleling
capacitors of dissimilar chemistries yet complementary performance. The frequency response of each capacitor
is accretive in that each capacitor provides desirable performance over a certain part of the applicable frequency
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com