Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 61 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 61 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments LM5145 Datasheet HTML 61Page - Texas Instruments LM5145 Datasheet HTML 62Page - Texas Instruments LM5145 Datasheet HTML 63Page - Texas Instruments LM5145 Datasheet HTML 64Page - Texas Instruments LM5145 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
9 Device and Documentation Support
9.1 Device Support
9.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
9.1.2 Development Support
With an input operating voltage as low as 3.5V and up to 100V as specified in Table 9-1, the LM(2)5k family
of synchronous buck controllers from TI provides flexibility, scalability, and optimized design size for a variety of
applications.
With the LM5137F and LM25137F available to aid in functional safety system design up to SIL 3, the controller
family enables DC/DC designs with high density, low EMI, and increased system reliability.
Table 9-1. Synchronous Buck DC/DC Controller Family
DC/DC
CONTROLLER
SINGLE or
DUAL
VIN RANGE
CONTROL METHOD
GATE DRIVE
VOLTAGE
SYNC OUTPUT
KEY FEATURE
LM5137
Dual
4V to 80V
Peak current mode
5V
90° phase shift
100% duty cycle
LM5137F
Dual
4V to 80V
Peak current mode
5V
90° phase shift
SIL 2 or 3
LM25137
Dual
4V to 42V
Peak current mode
5V
90° phase shift
100% duty cycle
LM25137F
Dual
4V to 42V
Peak current mode
5V
90° phase shift
SIL 2 or 3
LM25139
Single
4V to 42V
Peak current mode
5V
N/A
DRSS
LM5141
Single
3.8V to 65V
Peak current mode
5V
N/A
Split gate drive
LM25141
Single
3.8V to 42V
Peak current mode
5V
N/A
Split gate drive
LM5143
Dual
3.5V to 65V
Peak current mode
5V
90° phase shift
Split gate drive
LM25143
Dual
3.5V to 42V
Peak current mode
5V
90° phase shift
Split gate drive
LM5145
Single
5.5V to 75V
Voltage mode
7.5V
180° phase shift
No shunt
LM5146
Single
5.5V to 100V
Voltage mode
7.5V
180° phase shift
100V input capability
LM5148
Single
3.5V to 80V
Peak current mode
5V
180° phase shift
DRSS
LM25148
Single
3.5V to 42V
Peak current mode
5V
180° phase shift
DRSS
LM5149
Single
3.5V to 80V
Peak current mode
5V
180° phase shift
AEF
LM25149
Single
3.5V to 42V
Peak current mode
5V
180° phase shift
AEF
LM5190
Single
5V to 80V
Peak current mode
7.5V
N/A
CC/CV
LM25190
Single
5V to 42V
Peak current mode
7.5V
N/A
CC/CV
For development support, see the following:
• LM25137 DC/DC controller Quickstart Calculator and PSPICE simulation models
• LM5137F-Q1-EVM12V and LM25137F-Q1-EVM5D3 Altium layout source files
• For TI's WEBENCH design environments, visit the WEBENCH® Design Center
• For TI's reference design library, visit TI Designs
• TI reference designs:
– 450W four-phase interleaved buck converter reference design
– 20VIN to 60VIN, 600W, automotive two-phase buck regulator with GaN power switches reference design
9.1.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM25137 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com