Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 31 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LM25137 is a dual-channel or dual-phase, synchronous, buck controller used to convert a higher input
voltage to one or two lower output voltages. The following sections consider the power-train and compensation
components and provide specific circuit design examples for single- and dual-output implementations. To
expedite and streamline the process of designing of an LM25137-based regulator, a comprehensive LM25137
Quickstart Calculator is available for download to assist the designer with component selection for a given
application.
8.1.1 Power Train Components
A comprehensive understanding of the buck regulator power train components is critical to successfully
completing an efficient and reliable synchronous buck regulator design. The following sections discuss the
following:
• Power MOSFETs
• Buck inductor
• Input and output capacitors
• EMI input filter
8.1.1.1 Power MOSFETs
The choice of power MOSFETs has an outsized impact on DC/DC regulator performance. A MOSFET with
low on-state resistance, RDS(on), reduces conduction loss, whereas low parasitic capacitances enable faster
transition times and reduced switching loss. Normally, the lower the RDS(on) of a MOSFET, the higher the gate
charge and output charge (QG and QOSS, respectively), and vice-versa. As a result, the product of RDS(on) and
QG is commonly specified as a MOSFET figure-of-merit. Low thermal resistance of a given package makes sure
that the MOSFET power dissipation does not result in excessive MOSFET die temperature.
The main parameters affecting power MOSFET selection in an LM25137 application are as follows:
• RDS(on) at VGS = 5V
• Drain-source voltage rating, BVDSS, is typically 30V, 40V or 60V, depending on the maximum input voltage.
• Gate charge parameters at VGS = 5V
• Output charge, QOSS, at the relevant input voltage
• Body diode reverse recovery charge, QRR
• Gate threshold voltage, VGS(th), derived from the Miller plateau evident in the QG versus VGS plot in the
MOSFET data sheet. With a Miller plateau voltage typically in the range of 2.5V to 3.2V, the 5V gate drive
amplitude of the LM25137 provides an adequately-enhanced MOSFET when on and a margin against Cdv/dt
shoot-through when off.
The MOSFET-related power losses for one channel are summarized by the equations presented in Table 8-1,
where suffixes 1 and 2 represent high-side and low-side MOSFET parameters, respectively. While the influence
of inductor ripple current is considered, second-order loss modes, such as those related to parasitic inductances
and switch-node voltage ringing, are not included. A comprehensive Quickstart Calculator available from the
LM25137 product folder provides power loss calculations based on the entered MOSFET parameters, including
RDS(on) and QG.
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com