Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
RT
RSS
PFM/SYNC
AGND
COMP2
VOUT2
ISNS2+
LO2
SW2
HO2
CBOOT2
VIN
COMP1
BIAS1/VOUT1
ISNS1+
LO1
SW1
HO1
CBOOT1
VCC
FB1
VDDA
FB2
SYNCOUT
CFNG
EN1
EN2
PG2
PG1
L
O1
C
OUT2
C
IN1
C
VDDA
L
O2
C
OUT1
R
S2
R
S1
Q
2
Q
1
R
SS
R
RT
R
CNFG
Q
4
Q
3
C
VCC
C
BOOT1
C
BOOT2
LM25137
VDDA
C
IN2
R
FB
C
HF
R
COMP
C
COMP
V
IN
V
OUT
Figure 7-8. LM25137 Two-phase Regulator Schematic Configured for Single-output Interleaved Operation
7.3.15.3 Single-Output Multiphase Operation
A multiphase (three or four phases) regulator requires two LM25137 controllers, as illustrated in Figure 7-9.
Configure the first controller (CNTRL1) as a primary and the second controller (CNTRL2) as a secondary. To
configure the second controller, connect a 90.kΩ resistor from CNFG to AGND. This connection disables both
feedback error amplifiers of the secondary controller, placing them in a high-impedance state.
• Connect the COMP1 and COMP2 pins together on both primary and secondary controllers
• Connect SYNCOUT from the primary to PFM/SYNC of the secondary controller
• Connect the RSS pins of the both controllers
• Connect all the outputs together
• Tie FB2 (primary controller) and FB2 (secondary controller) to GND
• If PFM mode operation is required, connect FB1 of the secondary controller to PFM/SYNC of the primary
controller. Otherwise, connect FB1 to GND.
• Only PG1 of the primary is applicable. PG2 as well as the PG1/2 of the second controller can remain open
circuit or connect to GND.
The SYNCOUT of the primary controller is 90° out-of-phase and facilitates interleaved operation. RT is not used
for the oscillator when the LM25137 is in secondary mode but instead used for slope compensation. Therefore,
select the RT resistance to be the same as that of the primary. See Table 7-5.
See the Benefits of a Multiphase Buck Converter white paper and Multiphase Buck Design From Start to Finish
application report for more information.
Table 7-5. Configuration Modes for Single-Output Multiphase Operation
RCNFG
PRIMARY, SECONDARY
DRSS
INDEPENDENT OR INTERLEAVED
OUTPUTS
41.2kΩ
Primary
OFF
Interleaved
54.9kΩ
Primary
DRSS1
Interleaved
71.5kΩ
Primary
DRSS2
Interleaved
90.9kΩ
Secondary
N/A
Interleaved
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com