Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 43 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
According to the design tool from the capacitor vendor, these capacitors are each effectively 32µF and
41µF at 5V and 3.3V DC voltage, respectively.
3. Use Equation 35 to estimate the peak-to-peak output voltage ripple of channel 1 at nominal input voltage.
(35)
where
• RESR is the effective equivalent series resistance (ESR) of the output capacitors.
• 128µF is the total effective (derated) ceramic output capacitance at 5V.
4. Use Equation 36 to calculate the output capacitor RMS ripple current at maximum input voltage. Verify that
the output capacitor RMS ripple current at maximum input voltage is within the capacitor ripple current rating.
(36)
8.2.1.2.6 Ceramic Input Capacitors
A power supply input typically has a relatively high source impedance at the switching frequency. Good-quality
input capacitors are necessary to limit the input ripple voltage. As mentioned earlier, dual-channel interleaved
operation significantly reduces the input ripple amplitude. In general, the ripple current splits between the input
capacitors based on the relative impedance of the capacitors at the switching frequency.
1. Select the input capacitors with sufficient voltage and RMS ripple current ratings.
2. Worst case input ripple for a two-channel buck regulator typically corresponds to when one channel operates
at full load and the other channel is disabled or operates at no load. Use Equation 37 to calculate the input
capacitor RMS ripple current assuming a worst-case duty-cycle operating point of 50%.
(37)
3. Use Equation 38 to find the required input capacitance.
(38)
where
• ΔVIN is the input peak-to-peak ripple voltage specification.
• RESR is the input capacitor ESR.
4. Recognizing the voltage coefficient of ceramic capacitors, select four 10µF, 50V, X7R, 1210 ceramic input
capacitors for each channel. Place these capacitors adjacent to the relevant power MOSFETs.
5. Use four 10nF, 50V, X7R, 0603 ceramic capacitors near each high-side MOSFET to supply the high di/dt
current during MOSFET switching transitions. Such capacitors offer high self-resonant frequency (SRF) and
low effective impedance above 100MHz. The result is lower power loop parasitic inductance, thus minimizing
switch-node voltage overshoot and ringing for lower EMI signature. Refer to Figure 8-25 and Figure 8-27 for
additional context.
www.ti.com
LM25137
SNVSCU4 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com