Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 56 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 56 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments LM5145 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
4. Follow any layout considerations of the MOSFETs as recommended by the MOSFET manufacturer,
including pad geometry and solder paste stencil design.
5. The SW pin connects to the switch node of the power conversion stage and acts as the return path for the
high-side gate driver. The parasitic inductance inherent to loop 1 in Figure 8-25 and the output capacitance
(COSS) of both power MOSFETs form a resonant circuit that induces high frequency (greater than 50MHz)
ringing at the SW node. The voltage peak of this ringing, if not controlled, can be significantly higher than
the input voltage. Make sure that the peak ringing amplitude does not exceed the absolute maximum rating
limit for the SW pin. In many cases, a series resistor and capacitor snubber network connected from the SW
node to GND damps the ringing and decreases the peak amplitude. Provide provisions for snubber network
components in the PCB layout. If testing reveals that the ringing amplitude at the SW pin is excessive, then
include snubber components as needed.
8.4.1.2 Gate Drive Layout
The LM25137 high-side and low-side gate drivers incorporate short propagation delays, adaptive deadtime
control, and low-impedance output stages capable of delivering large peak currents with very fast rise and
fall times to facilitate rapid turn-on and turnoff transitions of the power MOSFETs. Very high di/dt can cause
unacceptable ringing if the trace lengths and impedances are not well controlled.
Minimization of stray or parasitic gate loop inductance is key to optimizing gate drive switching performance,
whether series gate inductance resonates with MOSFET gate capacitance or common source inductance
(common to gate and power loops) that provides a negative feedback component opposing the gate drive
command, thereby increasing MOSFET switching times. The following loops are important:
• Loop 2: high-side MOSFET, Q1. During the high-side MOSFET turn-on, high current flows from the bootstrap
(boot) capacitor through the gate driver and high-side MOSFET, and back to the negative terminal of the boot
capacitor through the SW connection. Conversely, to turn off the high-side MOSFET, high current flows from
the gate of the high-side MOSFET through the gate driver and SW, and back to the source of the high-side
MOSFET through the SW trace. Refer to "loop 2" of Figure 8-25.
• Loop 3: low-side MOSFET, Q2. During the low-side MOSFET turn-on, high current flows from the VCC
decoupling capacitor through the gate driver and low-side MOSFET, and back to the negative terminal of the
capacitor through ground. Conversely, to turn off the low-side MOSFET, high current flows from the gate of
the low-side MOSFET through the gate driver and GND, and back to the source of the low-side MOSFET
through ground. Refer to "loop 3" of Figure 8-25.
TI strongly recommends following circuit layout guidelines when designing with high-speed MOSFET gate drive
circuits.
• Connections from gate driver outputs, HO1/HO2 and LO1/LO2, to the respective gates of the high-side
or low-side MOSFETs must be as short as possible to reduce series parasitic inductance. Be aware that
peak gate drive currents can be as high as 3A. Use 0.65mm (25mils) or wider traces. Use via or vias, if
necessary, of at least 0.5mm (20mils) diameter along these traces. Route the [HO1, SW1] and [HO2, SW2]
gate traces as differential pairs from the LM25137 to the applicable high-side MOSFETs, taking advantage of
flux cancellation.
• Minimize the current loop path from the VCC and CBOOT1/CBOOT2 pins through the respective capacitors
as these provide the high instantaneous current, up to 3A, to charge the MOSFET gate capacitances.
Specifically, locate the bootstrap capacitors, CBOOT1 and CBOOT2, close to the respective [CBOOT1, SW1]
and [CBOOT2, SW2] pin pairs of the LM25137, thus minimizing the "loop 2" areas associated with the high-
side drivers. Similarly, locate the VCC capacitor, CVCC, close to the VCC and PGND pins of the LM25137 to
minimize the areas of "loop 3" associated with the low-side drivers.
8.4.1.3 PWM Controller Layout
With the proviso to locate the controller close to the power MOSFETs and minimize gate driver trace runs, the
following considers components related to the analog and feedback signals as well as current sensing:
1. Separate power and signal traces, and use a ground plane to provide noise shielding.
2. Place all sensitive analog traces and components related to COMP1/2, FB1/2, ISNS1/2+, RSS, and RT
away from high-voltage switching nodes such as SW1/2, HO1/2, LO1/2 or CBOOT1/2 to avoid mutual
LM25137
SNVSCU4 – OCTOBER 2025
www.ti.com
56
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com