Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 70 Page - Texas Instruments

Part # LM5145
Description  LM25137 4V to 42V, 100% Duty Cycle Capable, Dual-Channel, Synchronous Buck DC/DC Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 70 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 65Page - Texas Instruments LM5145 Datasheet HTML 66Page - Texas Instruments LM5145 Datasheet HTML 67Page - Texas Instruments LM5145 Datasheet HTML 68Page - Texas Instruments LM5145 Datasheet HTML 69Page - Texas Instruments LM5145 Datasheet HTML 70Page - Texas Instruments LM5145 Datasheet HTML 71Page - Texas Instruments LM5145 Datasheet HTML 72Page - Texas Instruments LM5145 Datasheet HTML 73Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
A
A
www.ti.com
PACKAGE OUTLINE
6.1
5.9
6.1
5.9
1.0
0.8
0.05
0.00
2X 4.5
28X 0.5
2X 4.5
36X
0.5
0.3
3.3 0.1
0.1 MIN
2X 1
32X
0.3
0.2
4X
0.32
0.22
2X 1
(0.2) TYP
(0.13)
(0.16) TYP
4X (0.17)
VQFN - 1 mm max height
RHA0036D
PLASTIC QUAD FLATPACK - NO LEAD
4230454/A 02/2024
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PINS 3, 24, 29 & 34
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
PKG
EXPOSED
THERMAL PAD
PKG
1
9
10
17
18
26
27
36
37
0.1
C A B
0.05
C
0.1
C A B
0.05
C
PINS 3, 24, 29 & 34
SCALE 2.000
A-A 30.000
SECTION A-A
TYPICAL
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com