Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 12Page - Texas Instruments TPSM84A21 Datasheet HTML 13Page - Texas Instruments TPSM84A21 Datasheet HTML 14Page - Texas Instruments TPSM84A21 Datasheet HTML 15Page - Texas Instruments TPSM84A21 Datasheet HTML 16Page - Texas Instruments TPSM84A21 Datasheet HTML 17Page - Texas Instruments TPSM84A21 Datasheet HTML 18Page - Texas Instruments TPSM84A21 Datasheet HTML 19Page - Texas Instruments TPSM84A21 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
VIN
PGND
12 V
VOUT
VS+
1.02 kO
1.0 V
VADJ
PGOOD
VG
AGND
10 kO
5V
TPSM84A21
Copyright © 2016, Texas Instruments Incorporated
16
TPSM84A21
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPSM84A21 is a synchronous series capacitor step down DC-DC power module. It is used to convert a
higher DC voltage to a lower DC voltage with a maximum output current of 10 A. The following design
procedure can be used to select components for the TPSM84A21. Alternately, the WEBENCH® software
may be used to generate complete designs. When generating a design, the WEBENCH software utilizes an
iterative design procedure and accesses comprehensive databases of components. Please visit
www.ti.com/webench for more details.
8.2 Typical Application
The TPSM84A21 includes both input and output capacitors internal to the device, therefore it only requires a
voltage setting resistor and possibly a pull-up resistor on the PGOOD pin in most applications. Figure 17 shows a
typical TPSM84A21 schematic with only the minimum required components.
Figure 17. Typical Application Schematic
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 3 and follow the design procedures below.
Table 3. Design Parameters
DESIGN PARAMETER
VALUE
Input Voltage VIN
12 V typical
Output Voltage VOUT
1.0 V
Output Current Rating
10 A
Key care-abouts
Tight transient response, small footprint, high efficiency, PGOOD signal
Transient Response Requirements
±2% voltage deviation, 5 A load step, 5 A/µs slew rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com