Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 3 Page - Texas Instruments

  TPSM84A21 Datasheet HTML 1Page - Texas Instruments TPSM84A21 Datasheet HTML 2Page - Texas Instruments TPSM84A21 Datasheet HTML 3Page - Texas Instruments TPSM84A21 Datasheet HTML 4Page - Texas Instruments TPSM84A21 Datasheet HTML 5Page - Texas Instruments TPSM84A21 Datasheet HTML 6Page - Texas Instruments TPSM84A21 Datasheet HTML 7Page - Texas Instruments TPSM84A21 Datasheet HTML 8Page - Texas Instruments TPSM84A21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PGND
17
1
19
18
VIN
PGND
VOUT
PGND
VIN
PGND
8
9
10
PGND
20
16
15
14
13
12
11
2
3
4
5
6
7
3
TPSM84A21
www.ti.com
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
MOJ Package
20-Pin QFM
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
16
—
Zero voltage reference for analog control circuitry. Connect RSET between this pin and VADJ close
to the device. Do not connect this pin to PGND; the connection is made internal to the device.
EN/UVLO
2
I
Enable and UVLO adjust pin. When this pin voltage is low, the device is disabled. Use an open drain,
open collector, or a suitable logic gate device to control the enable function. A resistor divider
between this pin, PGND, and VIN adjusts the UVLO voltage.
ILIM
3
I
Current limit setting pin. Leave this open for the full current limit threshold of 15 A. Connect a 47 kΩ
resistor between this pin and PGND to reduce the current limit threshold to 11.25 A.
PGND
1, 4, 5, 6, 7,
8, 10, 18, 20
—
Power ground of the device. Connect these pins to the power ground plane of the PCB. Thermal vias
to internal ground planes should be added beneath pin 20.
PGOOD
12
O
Power good indicator. This pin is an open-drain output and will assert low if the output voltage is
greater than ±5% from the programmed value or due to thermal shutdown, under-voltage, or EN
shutdown. A pull-up resistor is required. VG can be used as a PGOOD pull-up source.
VS+
14
I
Remote sense connection. This pin must be connected to VOUT at the load or at the device pins.
Connect the pin to VOUT at the load for improved regulation.
SYNC
11
I
External clock synchronization pin. An external clock signal can be applied to this pin to synchronize
the switching frequency within ±10% of the nominal switching frequency (4 MHz).
VADJ
15
I
Output voltage adjust pin. Connecting a resistor between this pin and AGND sets the output voltage.
VG
13
I
Gate driver supply pin. If this pin is left open, an internal LDO will generate the gate driver supply
voltage from the VIN pin. To reduce power consumption and improve efficiency, power this pin with
an external 5-V supply. This pin can be used as a PGOOD pull-up source.
VIN
17, 19
I
Input Voltage. These pins supply all of the power to the converter. Connect VIN to a supply voltage
between 8 V and 14 V.
VOUT
9
O
Output voltage. Connect any external output capacitors between these pins and PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com