Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 7Page - Texas Instruments TPSM84A21 Datasheet HTML 8Page - Texas Instruments TPSM84A21 Datasheet HTML 9Page - Texas Instruments TPSM84A21 Datasheet HTML 10Page - Texas Instruments TPSM84A21 Datasheet HTML 11Page - Texas Instruments TPSM84A21 Datasheet HTML 12Page - Texas Instruments TPSM84A21 Datasheet HTML 13Page - Texas Instruments TPSM84A21 Datasheet HTML 14Page - Texas Instruments TPSM84A21 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
VOUT =
1
RSET (k )
0.508 *
(
)
+1
(V)
1
RSET =
0.508
±1
(k )
VOUT
11
TPSM84A21
www.ti.com
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Adjusting the Output Voltage (VADJ)
The VADJ pin programs the output voltage of the TPSM84A21. The output voltage adjustment range is from
0.508 V to 1.35 V. The adjustment method requires the addition of RSET connected between VADJ and AGND. If
an RSET resistor is not populated, the module will default to 0.508 V. The VS+ pin (pin 14) must be connected to
VOUT. TI recommends to make the VS+ connection at the load for the best load regulation performance. The
RSET resistor must be connected directly between the VADJ pin (pin 15) and AGND (pin 16).
Equation 1 can be used to calculate the ideal RSET resistor value for a given output voltage, VOUT. Use
Equation 2 to calculate the actual VOUT for a given RSET resistor. Table 1 lists the ideal RSET resistor values for a
number of common voltages. Table 1 also lists the closest E96 standard resistor values to the ideal RSET values
along with the actual output voltage and the set-point error when using the E96 resistor value. For the most
accurate output voltage set-point it is best to use the ideal resistor value. The ideal resistor value may not be a
standard value and may require two standard value resistors in series or parallel to obtain the desired output
voltage.
(1)
(2)
Table 1. RSET Resistor Values
Closest E96 Resistor Value
VOUT (V)
Ideal RSET (kΩ)
RSET (kΩ)
Actual VOUT (V)
%
0.508
Open
Open
0.508
–
0.55
12.095
12.1
0.549
–0.003
0.60
5.522
5.49
0.601
0.088
0.65
3.578
3.57
0.65
0.046
0.70
2.646
2.67
0.698
–0.248
0.75
2.099
2.10
0.749
–0.013
0.80
1.739
1.74
0.799
–0.006
0.85
1.485
1.50
0.847
–0.392
0.9
1.296
1.30
0.899
–0.137
0.95
1.149
1.15
0.949
–0.027
1.00
1.033
1.02
1.006
0.603
1.05
0.937
0.931
1.053
0.348
1.10
0.858
0.866
1.095
–0.490
1.15
0.791
0.787
1.153
0.303
1.20
0.734
0.732
1.202
0.166
1.25
0.685
0.681
1.254
0.317
1.30
0.641
0.649
1.291
–0.712
1.35
0.603
0.604
1.349
–0.070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com