Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 5 Page - Texas Instruments

  TPSM84A21 Datasheet HTML 1Page - Texas Instruments TPSM84A21 Datasheet HTML 2Page - Texas Instruments TPSM84A21 Datasheet HTML 3Page - Texas Instruments TPSM84A21 Datasheet HTML 4Page - Texas Instruments TPSM84A21 Datasheet HTML 5Page - Texas Instruments TPSM84A21 Datasheet HTML 6Page - Texas Instruments TPSM84A21 Datasheet HTML 7Page - Texas Instruments TPSM84A21 Datasheet HTML 8Page - Texas Instruments TPSM84A21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
TPSM84A21
www.ti.com
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The junction-to-ambient thermal resistance, ΘJA, applies to devices soldered directly to a 50 mm x 100 mm double-sided PCB with 2 oz.
copper and natural convection cooling. Additional airflow reduces ΘJA.
(3)
The junction-to-top board characterization parameter, ΘJT, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (section 6 and 7). TJ = ψJT * Pdis + TT; where Pdis is the power dissipated in the device and TT is
the temperature of the top of the device.
(4)
The junction-to-board characterization parameter, ψJB, estimates the junction temperature, TJ, of a device in a real system, using a
procedure described in JESD51-2A (sections 6 and 7). TJ = ψJB * Pdis + TB; where Pdis is the power dissipated in the device and TB is
the temperature of the board 1mm from the device.
6.4 Thermal Information
THERMAL METRIC(1)
TPSM84A21
UNIT
MOJ (QFM)
20 PINS
RθJA
Junction-to-ambient thermal resistance (2)
14.9
°C/W
ψJT
Junction-to-top characterization parameter (3)
2.2
°C/W
ψJB
Junction-to-board characterization parameter (4)
5.7
°C/W
(1)
The stated limit of the set-point tolerance includes the tolerance of both the internal voltage reference and the internal adjustment
resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(2)
Specified by design. Not production tested.
6.5 Electrical Characteristics
Over –40°C to +85°C free-air temperature range, VIN = 12 V, VOUT = 1.0 V, IOUT = IOUT max, FSW = 4 MHz,
External CIN = 2 × 22 µF 25 V 1210 ceramic plus 1 × 100 µF electrolytic (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
INPUT VOLTAGE (VIN)
VIN
VIN input voltage range
Over VOUT range
8
14
V
VIN_UVLO
VIN under voltage lock out
VIN increasing
7.65
7.95
V
VIN decreasing
7.4
V
VIN_HYS
VIN UVLO hysteresis
250
mV
IVIN_EN
VIN standby current
EN = 0 V
47
µA
OUTPUT VOLTAGE (VOUT)
VOUT(ADJ)
Output voltage adjust range
Over IOUT range
0.55
1.35
V
VOUT
Set-point voltage tolerance
VOUT = 1.0 V, TA = 25°C, IOUT = 0 A
-1.0%
+1.0%(1)
Temperature variation
VOUT = 1.0 V, –40°C ≤ TA ≤ 85°C, IOUT = 0 A
±0.2%(2)
Line regulation
VOUT = 1.0 V, over VIN range, IOUT = 0 A, TA = 25°C
±0.03%
Load regulation
VOUT = 1.0 V, over IOUT range, TA = 25°C
±0.1%
VOUT
Ripple
Output Voltage Ripple
20-MHz Bandwidth, peak-to-peak
8
mV
OUTPUT CURRENT
IOUT
Output current
See SOA graph for derating over temperature.
0
10
A
Overcurrent threshold
ILIM = open
15
A
ILIM = 47 kΩ
11.25
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com