Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 4Page - Texas Instruments TPSM84A21 Datasheet HTML 5Page - Texas Instruments TPSM84A21 Datasheet HTML 6Page - Texas Instruments TPSM84A21 Datasheet HTML 7Page - Texas Instruments TPSM84A21 Datasheet HTML 8Page - Texas Instruments TPSM84A21 Datasheet HTML 9Page - Texas Instruments TPSM84A21 Datasheet HTML 10Page - Texas Instruments TPSM84A21 Datasheet HTML 11Page - Texas Instruments TPSM84A21 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Output Current (A)
0
1
2
3
4
5
6
7
8
9
10
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
D001
D002
VOUT
1.35 V
1.2 V
1.0 V
0.8 V
0.55
Output Current (A)
0
1
2
3
4
5
6
7
8
9
10
6
8
10
12
14
16
D003
VOUT
1.35 V
1.2 V
1.0 V
0.8 V
0.55
Output Current (A)
0
1
2
3
4
5
6
7
8
9
10
45
50
55
60
65
70
75
80
85
90
95
D001
VOUT
1.35 V
1.2 V
1.0 V
0.8 V
0.55 V
Output Current (A)
0
1
2
3
4
5
6
7
8
9
10
45
50
55
60
65
70
75
80
85
90
95
D004
VOUT
1.35 V
1.2 V
1.0 V
0.8 V
0.55 V
8
TPSM84A21
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
6.8 Typical Characteristics
The electrical characteristic data has been developed from actual products tested at 25°C. This data is
considered typical for the converter. Applies to Figure 1 through Figure 4.
The temperature derating curves represent the conditions at which internal components are at or below the
manufacturer's maximum operating temperatures. Derating limits apply to devices soldered directly to a 50 mm ×
100 mm double-sided PCB with 2 oz. copper. Applies to Figure 5 and Figure 6.
VIN = 12 V
VG = open
Figure 1. Efficiency
VIN = 12 V
VG = 5 V
Figure 2. Efficiency
VIN = 12 V
VG = open
Figure 3. Power Dissipation
VIN = 12 V
Figure 4. Output Voltage Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com