Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 24Page - Texas Instruments TPSM84A21 Datasheet HTML 25Page - Texas Instruments TPSM84A21 Datasheet HTML 26Page - Texas Instruments TPSM84A21 Datasheet HTML 27Page - Texas Instruments TPSM84A21 Datasheet HTML 28Page - Texas Instruments TPSM84A21 Datasheet HTML 29Page - Texas Instruments TPSM84A21 Datasheet HTML 30Page - Texas Instruments TPSM84A21 Datasheet HTML 31Page - Texas Instruments TPSM84A21 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
8X (1)
12X (0.6)
12X (0.95)
7X ( 1.5)
(R
) TYP
0.05
2X (1.3)
2X (5)
(6.65)
(6.65)
2X (3.65)
(6.4)
(4.8)
2X (3.65)
12X (3.925)
(0.605)
TYP
(1.21)
TYP
(0.765) TYP
(1.53) TYP
8X (2.15)
4X (2.95)
(
) VIA
TYP
0.2
QFM - 2.3 mm max height
MOJ0020A
QUAD FLAT MODULE
4222962/A 05/2016
NOTES: (continued)
3. This package is designed to be soldered to thermal pads on the board. For more information, see Texas Instruments
literature number SLUA271 (www.ti.com/lit/slua271).
4. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view.
LAND PATTERN EXAMPLE
SCALE:6X
1
8
5
11
10
19
17
16
20
2
PKG
SYMM
PKG
KEEP-OUT AREA
(2.8 X 4)
KEEP-OUT AREA
(2.9 X 3.25)
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com