Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 31 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 24Page - Texas Instruments TPSM84A21 Datasheet HTML 25Page - Texas Instruments TPSM84A21 Datasheet HTML 26Page - Texas Instruments TPSM84A21 Datasheet HTML 27Page - Texas Instruments TPSM84A21 Datasheet HTML 28Page - Texas Instruments TPSM84A21 Datasheet HTML 29Page - Texas Instruments TPSM84A21 Datasheet HTML 30Page - Texas Instruments TPSM84A21 Datasheet HTML 31Page - Texas Instruments TPSM84A21 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
12X (0.95)
12X (0.6)
15X (1.33)
15X (1.01)
8X (1)
2X (5)
(2.42)
TYP
(1.53) TYP
(1.21) TYP
12X (3.925)
2X (3.65)
2X (1.3)
(6.65)
(6.65)
7X ( 1.42)
(R
) TYP
0.05
2X (3.65)
QFM - 2.3 mm max height
MOJ0020A
QUAD FLAT MODULE
4222962/A 05/2016
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
PADS 1, 8-10 & 17-19: 90%
PAD 20: 65.6 %
SCALE:8X
1
8
5
11
10
19
17
16
20
2
PKG
SYMM
TYP
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com