Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 10Page - Texas Instruments TPSM84A21 Datasheet HTML 11Page - Texas Instruments TPSM84A21 Datasheet HTML 12Page - Texas Instruments TPSM84A21 Datasheet HTML 13Page - Texas Instruments TPSM84A21 Datasheet HTML 14Page - Texas Instruments TPSM84A21 Datasheet HTML 15Page - Texas Instruments TPSM84A21 Datasheet HTML 16Page - Texas Instruments TPSM84A21 Datasheet HTML 17Page - Texas Instruments TPSM84A21 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
EN/
UVLO
PGND
VIN
Q1
EN
Control
14
TPSM84A21
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
7.3.10 Thermal Shutdown
The internal thermal shutdown fault is triggered if the junction temperature exceeds 135°C (typ). This interrupts
regulation by making the output high impedance. The device reinitiates the power up sequence when the junction
temperature drops below 115°C (typ).
7.3.11 Overcurrent Protection
For protection against load faults, the TPSM84A21 incorporates output overcurrent protection. Applying a load
that exceeds the module's overcurrent threshold causes the output to shut down and PGOOD is pulled low.
Following shut down, the module attempts to restart after a 32.8-ms hiccup interval counter has expired. This
provides a hiccup response to an overcurrent condition. During this period, the average current flowing into the
fault is significantly reduced which reduces power dissipation. Once the fault is removed, the module
automatically recovers and returns to normal operation.
The TPSM84A21 overcurrent trip point is 15 A (typ) when the ILIM pin is left open. This provides enough margin
for brief overshoots in inductor currents during a load transient while at the same time protecting against short
circuits or other potentially catastrophic faults on the output. The overcurrent trip point can be reduced to
11.25 A (typ) by placing a 47 kΩ between the ILIM pin and PGND. Programming resistors with up to ±5%
variation can be used. The current limit selection is latched in at power up and cannot be changed without
cycling input power or the EN pin voltage.
7.3.12 Output Undervoltage/Overvoltage Protection
The device incorporates an output undervoltage/overvoltage protection (UVP/OVP) circuit to prevent damage to
the load. This fault can be triggered during large, fast load transients if insufficient output capacitance is used.
The UVP/OVP feature compares the VADJ pin voltage to internal thresholds. If the VADJ pin voltage is lower
than 90% or greater than 110% of the nominal internal reference voltage, the module is turned off, a fault is
triggered, and the PGOOD pin is pulled low. When the fault hiccup interval is complete, the module will attempt
to restart.
7.3.13 Enable (EN)
The EN pin provides electrical on and off control of the TPSM84A21. Once the EN pin voltage exceeds the
threshold voltage, the device starts operation. If the EN pin voltage is pulled below the threshold voltage, the
module stops switching and enters a low power state. There is no voltage hysteresis in the EN threshold. The
rising and falling voltage thresholds occur at the same level. The EN pin has an internal pull-up current source,
allowing the user to float the EN pin for enabling the device.
If an application requires controlling the EN pin, use an open drain/collector device or a suitable logic gate to
interface with the pin. Figure 15 shows controlling the EN/UVLO pin using a MOSFET, Q1. Turning Q1 on,
disables the device. Using a voltage superviser to control the EN pin allows control of the turn-on and turn-off of
the device as opposed to relying on the ramp up or down of the input voltage source.
Figure 15. Enable Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com