Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 24Page - Texas Instruments TPSM84A21 Datasheet HTML 25Page - Texas Instruments TPSM84A21 Datasheet HTML 26Page - Texas Instruments TPSM84A21 Datasheet HTML 27Page - Texas Instruments TPSM84A21 Datasheet HTML 28Page - Texas Instruments TPSM84A21 Datasheet HTML 29Page - Texas Instruments TPSM84A21 Datasheet HTML 30Page - Texas Instruments TPSM84A21 Datasheet HTML 31Page - Texas Instruments TPSM84A21 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
www.ti.com
PACKAGE OUTLINE
C
6.4±0.1
4.8±0.1
4X 6.65
.00
0
3X 6.65
2X 3
2X 4
2X 5
2X 1
2X 1
12X 1.05
0.85
12X 0.7
0.5
7X 1.6
1.4
2.3 MAX
0.4 MAX
A
9.1
8.9
B
15.1
14.9
(0.1) TYP
QFM - 2.3 mm max height
MOJ0020A
QUAD FLAT MODULE
4222962/A 05/2016
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 ID
AREA
0.08 C
SEATING PLANE
1
2
8
0.1
C A B
0.05
10
19
20
14
17
7
SYMM
PKG
11
(OPTIONAL)
PIN 1 ID
SCALE 0.950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com