Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPSM84A21
Description  TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM84A21 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 13Page - Texas Instruments TPSM84A21 Datasheet HTML 14Page - Texas Instruments TPSM84A21 Datasheet HTML 15Page - Texas Instruments TPSM84A21 Datasheet HTML 16Page - Texas Instruments TPSM84A21 Datasheet HTML 17Page - Texas Instruments TPSM84A21 Datasheet HTML 18Page - Texas Instruments TPSM84A21 Datasheet HTML 19Page - Texas Instruments TPSM84A21 Datasheet HTML 20Page - Texas Instruments TPSM84A21 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
(
)
set
out
1
R
k
V
1
0.508
=
W
-
17
TPSM84A21
www.ti.com
SLVSDF7A – DECEMBER 2016 – REVISED JULY 2017
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
8.2.2.1 Setting the Output Voltage
The output voltage of the TPSM84A21 is externally adjustable using a single resistor (RSET). Select the value of
RSET from or calculate using Equation 5:
(5)
To set the output voltage to 1.0 V, the calculated value for RSET is 1.03 kΩ. The closest E96 value is 1.02 kΩ.
8.2.2.2 Input and Output Capacitance
The TPS84A21 requires no external input or output capacitance to operate. Input and output capacitors can be
added to improve ripple or transient response. In this design example, in order to meet the ±2% voltage deviation
for a 5-A, 5-A/µs load step, 100 µF of output capacitance is required.
8.2.2.3 Power Good (PGOOD)
Applications requiring voltage rail sequencing can benefit from the PGOOD signal present with the TPSM84A21.
The PGOOD pin is an open drain output. When the output voltage is typically between 95% and 105% of the set
point, the PGOOD pin pull-down is released and the pin floats, requiring an external pull-up resistor for a high
signal. A 10-kΩ pull-up resistor is placed between the PGOOD pin and an external 5V rail.
8.2.2.4 External VG Voltage
The VG supply rail is used to power the internal gate drivers and other internal supply rails used by the
controller. For best efficiency, supply an external 5 V to the VG pin, thereby overriding the internal 4.8 V
regulator. Expect a 2-3% efficiency improvement by driving the VG pin with an external 5V.
8.2.3 Application Curves
VIN = 12 V
VOUT = 1.0 V
Figure 18. Start-up Waveforms
VIN = 12 V
VOUT = 1.0 V
Load Step = 5 A
COUT = 100 µF
Slew Rate = 1 A/µs
Figure 19. Application Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com